Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0218008.MXEP Datasheet(PDF) 3 Page - Littelfuse

Part # 0218008.MXEP
Description  218 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0218008.MXEP Datasheet(HTML) 3 Page - Littelfuse

  0218008.MXEP Datasheet HTML 1Page - Littelfuse 0218008.MXEP Datasheet HTML 2Page - Littelfuse 0218008.MXEP Datasheet HTML 3Page - Littelfuse 0218008.MXEP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
218 Series
5×20 mm > Time-Lag > 218 Series
Please refer to www.littelfuse.com/series/218.html for current information.
Product Characteristics
Operating Temperature
–55ºC to +125ºC
Thermal Shock
Condition B (5 cycles, –65°C to
+125°C)
Vibration
Humidity
°C) for 240
Salt Spray
Condition B
Material
Body: Glass
Cap: Nickel–plated Brass
Leads: Tin–plated Copper
Terminal Strength
Condition A
Solderability
Reference IEC 60127 Second
Edition 2003-01 Annex A
Product Marking
Cap1: Brand logo, current and
Cap2:
Packaging
reel)
Soldering Parameters - Wave Soldering
Dwell Time
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
Time (Seconds)
Cooling Time
Preheat Time
Wave Parameter
Lead-Free Recommendation
Preheat:
(Typical Industry Recommendation)
Temperature Minimum:
100
° C
Temperature Maximum:
150
° C
60-180 seconds
Solder Pot Temperature:
260
° C Maximum
Solder Dwell Time:
2-5 seconds
Recommended Hand-Solder Parameters:
Note: These devices are not recommended for IR or
Convection Reflow process.
Recommended Process Parameters:


Similar Part No. - 0218008.MXEP

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0218660000 WEIDMULLER-0218660000 Datasheet
75Kb / 4P
   Feed-through terminal, 6 mm짼, Screw connection, PA 66, TS 35 TS 32
0218660000 WEIDMULLER-0218660000 Datasheet
1Mb / 52P
   SAK-series
0218680000 WEIDMULLER-0218680000 Datasheet
75Kb / 4P
   Feed-through terminal, 6 mm짼, Screw connection, PA 66, TS 35 TS 32
logo
Tyco Electronics
021891-000 MACOM-021891-000 Datasheet
150Kb / 3P
   TINEL - LOCK ADAPTER
More results

Similar Description - 0218008.MXEP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0215.125MRET1P LITTELFUSE-0215.125MRET1P Datasheet
359Kb / 5P
   215 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
0201YA1R2CAQ2A LITTELFUSE-0201YA1R2CAQ2A Datasheet
329Kb / 3P
   213 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
239 LITTELFUSE-239_1 Datasheet
177Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
218032 LITTELFUSE-218032 Datasheet
216Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
239P LITTELFUSE-239P Datasheet
235Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
215200 LITTELFUSE-215200 Datasheet
163Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
215125P LITTELFUSE-215125P Datasheet
250Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
0213200P LITTELFUSE-0213200P Datasheet
284Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
218032P LITTELFUSE-218032P Datasheet
293Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
021502.5MXESPP LITTELFUSE-021502.5MXESPP Datasheet
362Kb / 3P
   215SP Series, 5x20 mm, Time-Lag Fuse (Slo-Blo짰)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com