Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3621GE Datasheet(PDF) 10 Page - Sony Corporation

Part # CXA3621GE
Description  Fingerprint Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3621GE Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXA3621GE Datasheet HTML 6Page - Sony Corporation CXA3621GE Datasheet HTML 7Page - Sony Corporation CXA3621GE Datasheet HTML 8Page - Sony Corporation CXA3621GE Datasheet HTML 9Page - Sony Corporation CXA3621GE Datasheet HTML 10Page - Sony Corporation CXA3621GE Datasheet HTML 11Page - Sony Corporation CXA3621GE Datasheet HTML 12Page - Sony Corporation CXA3621GE Datasheet HTML 13Page - Sony Corporation CXA3621GE Datasheet HTML 14Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
– 10 –
CXA3621GE
Appearance and Readout Order
15.36mm
19.8mm
Sensor Area
192
× 128
Scan Formation
Cell (1, 1) to Cell (1, 192)
Cell (128, 1) to
Cell (128, 192)
16.8mm
Flip
10.24mm
Cell (1, 1)
Cell (128, 1)
Cell (1, 192)
Cell (128, 192)
G
F
E
D
C
B
A
1234
7
6
58
4
9
14
15
20
25
3
8
13
16
21
26
2
7
12
17
22
27
1
6
11
18
23
28
510
19
24


Similar Part No. - CXA3621GE

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3627ER SONY-CXA3627ER Datasheet
42Kb / 27P
   All Band Tuner IC with On-chip PLL
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
More results

Similar Description - CXA3621GE

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3271GE SONY-CXA3271GE Datasheet
180Kb / 17P
   Fingerprint Sensor
logo
Mantra Softech India Pv...
MFS100 MANTRA-MFS100 Datasheet
506Kb / 2P
   OPTICAL FINGERPRINT SENSOR
logo
Mitsumi Electronics, Co...
SEF-A1F1 MITSUMI-SEF-A1F1 Datasheet
61Kb / 2P
   Solid Optical Fingerprint Sensor
logo
Fujitsu Component Limit...
MBF110 FUJITSU-MBF110 Datasheet
240Kb / 24P
   Solid-State Fingerprint Sensor
logo
ATMEL Corporation
AT77C101B ATMEL-AT77C101B Datasheet
272Kb / 21P
   Thermal Fingerprint Sensor with Sensing Area and Digital Output
logo
Mantra Softech India Pv...
MARC10 MANTRA-MARC10 Datasheet
1Mb / 3P
   Slick Capacitive Fingerprint Scanner
MFS110 MANTRA-MFS110 Datasheet
345Kb / 3P
   L1 Fingerprint Scanner
logo
Hangzhou Grow Technolog...
R307 GROW-R307 Datasheet
604Kb / 24P
   Fingerprint Module User Manual
Feb 2011 Ver: 1.20
logo
Mantra Softech India Pv...
MAPRO-OX MANTRA-MAPRO-OX Datasheet
476Kb / 2P
   Slick Fingerprint Scanner
MFS500 MANTRA-MFS500 Datasheet
320Kb / 2P
   Optical Fingerprint Scanner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com