Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74LCX07FK Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74LCX07FK
Description  Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs (open drain)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX07FK Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74LCX07FK_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX07FK_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX07FK_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX07FK_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX07FK_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX07FK_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX07FK_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX07FK_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX07FK_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TC74LCX07F/FT/FK
2012-02-29
2
Pin Assignment (top view)
IEC Logic Symbol
Truth Table
Systm Diagram (per gate)
Inputs
Outputs
A
Y
L
L
H
Z
Z: High impedance
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
−0.5 to 7.0
V
DC input voltage
VIN
−0.5 to 7.0
V
DC output voltage
VOUT
−0.5 to 7.0 (Note 2)
V
Input diode current
IIK
−50
mA
Output diode current
IOK
−50
(Note 3)
mA
DC output current
IOUT
50
mA
Power dissipation
PD
180
mW
DC VCC/ground current
ICC/IGND
±100
mA
Storage temperature
Tstg
−65 to 150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: Output in OFF state. IOUT absolute maximum rating must be observed (Output in low state)
Note 3: VOUT < GND
VCC
14
6A
6Y
5A
5Y
4A
13
12
11
10
9
8
1A
1
2
3
4
5
6
7
1Y
2A
2Y
3A
3Y
GND
4Y
1A
2A
3A
4A
5A
6A
1Y
2Y
3Y
4Y
5Y
6Y
1
3
5
9
11
13
2
4
6
8
10
12
1
A
Y


Similar Part No. - TC74LCX07FK_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX07FK TOSHIBA-TC74LCX07FK Datasheet
277Kb / 10P
   Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs (open drain)
More results

Similar Description - TC74LCX07FK_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX07FT TOSHIBA-TC74LCX07FT Datasheet
177Kb / 9P
   Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs (open drain)
TC74LCX07F TOSHIBA-TC74LCX07F_07 Datasheet
277Kb / 10P
   Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs (open drain)
TC74LCX05F TOSHIBA-TC74LCX05F Datasheet
178Kb / 9P
   Low-Voltage HEX Inverter with 5-V Tolerant Inputs and Outputs (open-drain)
TC74LCX05F TOSHIBA-TC74LCX05F_12 Datasheet
234Kb / 10P
   Low-Voltage HEX Inverter with 5-V Tolerant Inputs and Outputs (open-drain)
TC74LCX05F TOSHIBA-TC74LCX05F_07 Datasheet
278Kb / 10P
   Low-Voltage HEX Inverter with 5-V Tolerant Inputs and Outputs (open-drain)
logo
STMicroelectronics
74LCX07 STMICROELECTRONICS-74LCX07_06 Datasheet
225Kb / 15P
   Low voltage CMOS HEX buffer (open drain) with 5V tolerant inputs
74LCX07 STMICROELECTRONICS-74LCX07 Datasheet
193Kb / 11P
   LOW VOLTAGE CMOS HEX BUFFER (OPEN DRAIN) WITH 5V TOLERANT INPUTS
logo
Toshiba Semiconductor
TC74LCX04F TOSHIBA-TC74LCX04F_07 Datasheet
270Kb / 10P
   Low-Voltage Hex Inverter with 5-V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX760 FAIRCHILD-74LCX760_05 Datasheet
112Kb / 10P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Open Drain Outputs
logo
Toshiba Semiconductor
TC74LCX04F TOSHIBA-TC74LCX04F_12 Datasheet
215Kb / 10P
   Low-Voltage Hex Inverter with 5-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com