Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5295B Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # S5295B
Description  FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

S5295B Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  S5295B Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd S5295B Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
100V-600V
0.5A
S5295B THRU S5295J
Mechanical Data
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Pb / RoHS Free
* Case : DO-41 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.339 gram
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
S5295B
S5295G
S5295J
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
100
400
600
V
Maximum Reverse Voltage (DC)
VR
75
300
500
V
Maximum Average Forward Current
IF(AV)
0.5
A
Maximum Peak One Cycle Surge Forward Current
( 50 Hz, Non-Repetitive )
Maximum Peak Forward Voltage at IF = 1.0 A
VF
1.5
V
Maximum Repetitive Peak Reverse Current at VRRM
IR
10
µA
Maximum Reverse Recovery Time (Note 1)
Trr
1.5
µs
Junction Temperature Range
TJ
- 40 to + 125
°C
Storage Temperature Range
TSTG
- 40 to + 125
°C
Notes :
(1) Reverse Recovery Test Condition : IF = 20 mA, IR = 1mA
RATING
IFSM
30
A
FAST RECOVERY RECTIFIERS


Similar Part No. - S5295B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
S5295B TOSHIBA-S5295B Datasheet
62Kb / 3P
   High Speed Rectifier Applications (fast recovery)
logo
EIC discrete Semiconduc...
S5295B EIC-S5295B Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS
S5295B EIC-S5295B Datasheet
67Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Rugao Dachang Electroni...
S5295B DACHANG-S5295B Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 100 to 600V Forward Current 0.5A
S5295B DACHANG-S5295B Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier
More results

Similar Description - S5295B

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com