Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74LCX05F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74LCX05F
Description  Low-Voltage HEX Inverter with 5-V Tolerant Inputs and Outputs (open-drain)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX05F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74LCX05F_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX05F_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX05F_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX05F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX05F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX05F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX05F_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX05F_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX05F_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC74LCX05F/FT/FK
2012-02-29
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LCX05F,TC74LCX05FT,TC74LCX05FK
Low-Voltage HEX Inverter with 5-V Tolerant Inputs and Outputs (open-drain)
The TC74LCX05 is a high-performance CMOS inverter.
Designed for use in 3.3-V systems, it achieves high-speed
operation while maintaining the CMOS low power dissipation.
Pin configuration and function are the same as the
TC74LCX04, but the TC74LCX05F/FT/FK has high performance
MOS N-channel transistor. (open-drain outputs)
The device is designed for low-voltage (3.3 V) VCC applications,
but it could be used to interface to 5-V supply* environment for
inputs.
All inputs are equipped with protection circuits against static
discharge.
*IOUT absolute maximum rating must be observed.
Features
• Low-voltage operation: VCC = 1.65 to 5.5 V
• High-speed operation: tpz = 5.0 ns (max) (VCC = 3.0 to 3.6 V)
• Output current: IOL = 24 mA (min) (VCC = 3.0 V)
• Latch-up performance:>-500 mA
• Available in JEITA SOP, TSSOP and VSSOP (US)
• Open-drain outputs
• Power-down protection is provided on all inputs and outputs
• Pin and function compatible with the 74 series
(74AC/VHC/HC/F/ALS/LS etc.) 05 type
Weight
SOP14-P-300-1.27A
: 0.18 g (typ.)
TSSOP14-P-0044-0.65A
: 0.06 g (typ.)
VSSOP14-P-0030-0.50
: 0.02 g (typ.)
Note: The Voltage operation of VCC=1.65 to 5.5 V is only applicable for products which manufactured
from January 2009 onward.
TC74LCX05F
TC74LCX05FT
TC74LCX05FK


Similar Part No. - TC74LCX05F_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX05FK TOSHIBA-TC74LCX05FK Datasheet
278Kb / 10P
   Low-Voltage HEX Inverter with 5-V Tolerant Inputs and Outputs (open-drain)
TC74LCX05FN TOSHIBA-TC74LCX05FN Datasheet
178Kb / 9P
   Low-Voltage HEX Inverter with 5-V Tolerant Inputs and Outputs (open-drain)
TC74LCX05FN TOSHIBA-TC74LCX05FN Datasheet
278Kb / 10P
   Low-Voltage HEX Inverter with 5-V Tolerant Inputs and Outputs (open-drain)
TC74LCX05FT TOSHIBA-TC74LCX05FT Datasheet
178Kb / 9P
   Low-Voltage HEX Inverter with 5-V Tolerant Inputs and Outputs (open-drain)
TC74LCX05FT TOSHIBA-TC74LCX05FT Datasheet
278Kb / 10P
   Low-Voltage HEX Inverter with 5-V Tolerant Inputs and Outputs (open-drain)
More results

Similar Description - TC74LCX05F_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX05F TOSHIBA-TC74LCX05F Datasheet
178Kb / 9P
   Low-Voltage HEX Inverter with 5-V Tolerant Inputs and Outputs (open-drain)
TC74LCX05F TOSHIBA-TC74LCX05F_07 Datasheet
278Kb / 10P
   Low-Voltage HEX Inverter with 5-V Tolerant Inputs and Outputs (open-drain)
TC74LCX07F TOSHIBA-TC74LCX07F_12 Datasheet
233Kb / 10P
   Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs (open drain)
TC74LCX07FT TOSHIBA-TC74LCX07FT Datasheet
177Kb / 9P
   Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs (open drain)
TC74LCX07F TOSHIBA-TC74LCX07F_07 Datasheet
277Kb / 10P
   Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs (open drain)
TC74LCX04F TOSHIBA-TC74LCX04F_07 Datasheet
270Kb / 10P
   Low-Voltage Hex Inverter with 5-V Tolerant Inputs and Outputs
TC74LCX04F TOSHIBA-TC74LCX04F_12 Datasheet
215Kb / 10P
   Low-Voltage Hex Inverter with 5-V Tolerant Inputs and Outputs
TC74LCX14F TOSHIBA-TC74LCX14F_12 Datasheet
218Kb / 10P
   Low-Voltage Hex Schmitt Inverter with 5-V Tolerant Inputs and Outputs
TC74LCX14F TOSHIBA-TC74LCX14F_07 Datasheet
272Kb / 10P
   Low-Voltage Hex Schmitt Inverter with 5-V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LVX05 STMICROELECTRONICS-74LVX05 Datasheet
218Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER (OPEN DRAIN) WITH 5V TOLERANT INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com