Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0219.500MXAE- Datasheet(PDF) 2 Page - Littelfuse

Part # 0219.500MXAE-
Description  219XA Series, 5x20mm, Time-Lag (Slo-Blo짰) Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0219.500MXAE- Datasheet(HTML) 2 Page - Littelfuse

  0219.500MXAE- Datasheet HTML 1Page - Littelfuse 0219.500MXAE- Datasheet HTML 2Page - Littelfuse 0219.500MXAE- Datasheet HTML 3Page - Littelfuse 0219.500MXAE- Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
278
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
219XA Series
5×20 mm > Time-Lag > 219XA Series
Please refer to www.littelfuse.com/series/219XA.html for current information.
Amp
Code
Amp
Rating
(A)
Voltage
Rating
(V)
Interrupting
Rating
Nominal
Cold
Resistance
(Ohms)
Nominal
Melting
I2t
(A2 sec)
Nominal
Voltage
Drop at
Rated
Current
(mV)
Nominal
Power
Dissipation
at Rated
Current
(W)
Agency Approvals
PS
E
.040
0.040
250
150A @
250VAC
31.8620
0.01100
4000
1.6
xxx
.050
0.050
250
21.2920
0.01700
3500
1.6
x
x
x
.063
0.063
250
14.2685
0.02850
3000
1.6
x
x
x
.100
0.100
250
6.0180
0.07900
2500
1.6
x
x
x
.125
0.125
250
4.2000
0.13000
2000
1.6
x
x
xxxx
.160
0.160
250
2.5500
0.31000
1900
1.6
x
x
xxxx
.200
0.200
250
1.6000
0.32000
1500
1.6
x
x
xxxx
.250
0.250
250
1.0495
0.54000
1300
1.6
x
x
xxxx
.315
0.315
250
0.8475
1.23000
1100
1.6
x
x
xxxx
.400
0.400
250
0.5350
1.40000
1000
1.6
x
x
xxxx
.500
0.500
250
0.3700
3.00000
900
1.6
x
x
xxxx
.630
0.630
250
0.2750
4.82000
300
1.6
x
x
xxxx
.800
0.800
250
0.1635
9.35000
250
1.6
x
x
xxxx
001.
1.00
250
0.1165
19.20000
150
1.6
x
x
x
xxxx
1.25
1.25
250
0.0817
27.15000
150
1.6
x
x
x
xxxx
01.6
1.60
250
0.0551
44.20000
150
1.6
x
x
x
xxxx
002.
2.00
250
0.0452
92.70500
150
1.6
x
x
x
xxxx
02.5
2.50
250
0.0305
138.00000
120
1.6
x
x
x
xxxx
3.15
3.15
250
0.0231
202.00000
100
1.6
x
x
x
xxxx
004.
4.00
250
0.0158
330.00000
100
1.6
x
x
x
xxxx
005.
5.00
250
0.0117
544.00000
100
1.6
x
x
x
xxxx
06.3
6.3
250
0.0117
1093.03500
100
1.6
x
x
x
xxxx
Electrical Characteristic Specifications by Item


Similar Part No. - 0219.500MXAE-

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0219.500MXE LITTELFUSE-0219.500MXE Datasheet
39Kb / 1P
   5 x 20 mm Time Lag Fuse (SIo-Blo) Fuse 219 Series
0219.500MXE- LITTELFUSE-0219.500MXE- Datasheet
39Kb / 1P
   5 x 20 mm Time Lag Fuse (SIo-Blo) Fuse 219 Series
0219.500MXE-ND LITTELFUSE-0219.500MXE-ND Datasheet
39Kb / 1P
   5 x 20 mm Time Lag Fuse (SIo-Blo) Fuse 219 Series
More results

Similar Description - 0219.500MXAE-

ManufacturerPart #DatasheetDescription
logo
Littelfuse
021502.5MXESPP LITTELFUSE-021502.5MXESPP Datasheet
362Kb / 3P
   215SP Series, 5x20 mm, Time-Lag Fuse (Slo-Blo짰)
0215-315MXP LITTELFUSE-0215-315MXP Datasheet
1Mb / 4P
   215 Series, 5횞20 mm, Time-Lag (Slo-Blo짰) Fuse
0209.250MXP LITTELFUSE-0209.250MXP Datasheet
454Kb / 4P
   209 Series Lead-Free 2AG, Slo-Blo짰 (Time-Lag) Fuse
0215.125MRET1P LITTELFUSE-0215.125MRET1P Datasheet
359Kb / 5P
   215 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
0218.032HXP LITTELFUSE-0218.032HXP Datasheet
347Kb / 4P
   218 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
0201YA1R2CAQ2A LITTELFUSE-0201YA1R2CAQ2A Datasheet
329Kb / 3P
   213 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
239 LITTELFUSE-239_1 Datasheet
177Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
218032 LITTELFUSE-218032 Datasheet
216Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
239P LITTELFUSE-239P Datasheet
235Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
215125P LITTELFUSE-215125P Datasheet
250Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com