Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3516 Datasheet(PDF) 10 Page - Sony Corporation

Part # CXA3516
Description  3-channel 8-bit 165MSPS A/D Converter Amplifier PLL
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3516 Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXA3516 Datasheet HTML 6Page - Sony Corporation CXA3516 Datasheet HTML 7Page - Sony Corporation CXA3516 Datasheet HTML 8Page - Sony Corporation CXA3516 Datasheet HTML 9Page - Sony Corporation CXA3516 Datasheet HTML 10Page - Sony Corporation CXA3516 Datasheet HTML 11Page - Sony Corporation CXA3516 Datasheet HTML 12Page - Sony Corporation CXA3516 Datasheet HTML 13Page - Sony Corporation CXA3516 Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 110 page
background image
– 10 –
CXA3516R
96
97
98
99
100
101
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
123
124
125
126
127
128
129
130
132
133
DVCCPLLTTL
DGNDPLLTTL
XCLK
CLK
1/2XCLK
1/2CLK
DSYNC/
DIVOUT
UNLOCK
SOGOUT
HOLD
XTLOAD
EVEN/ODD
XCLKIN
CLKIN
SYNCIN1
SYNCIN2
CLPIN
DVCCPLL
DGNDPLL
AVCCVCO
AGNDVCO
RC1
RC2
AVCCIR
IREF
AGNDIR
G/YIN1
AVCCAMPG
G/YIN2
AGNDAMPG
G/YCLP
B/CbCLP
R/CrCLP
SOGIN1
B/CbIN1
O
O
O
O
O
O
O
I
I
I
I
I
I
I
I
I
I
I
I
I
5V
GND
TTL
TTL
TTL
TTL
TTL
Open collector
TTL
TTL
TTL
TTL
PECL
PECL
TTL
TTL
TTL
5V
GND
5V
GND
2.1V
2 to 4.5V
5V
1.2V
GND
5V
GND
2.8V
TTL output power supply for PLL
TTL output GND for PLL
Inverted CLK output
CLK output
Inverted 1/2CLK output
1/2CLK output
DSYNC or DIVOUT signal output
Unlock signal output
Output for SYNC ON GREEN
Input for phase comparison disable signal
Programmable counter reset setting
Inverted pulse input of ADC sampling CLK
Inverted CLK input for testing
CLK input for testing
Sync input 1
Sync input 2
Clamp pulse input
Digital power supply for PLL
Digital GND for PLL
Analog power supply for PLL VCO
Analog GND for PLL VCO
External pin for PLL loop filter
External pin for PLL loop filter
Analog power supply for IREF
Current setup
Analog GND for IREF
G/Y signal input 1
Power supply for G/Y amplifier block
G/Y signal input 2
GND for G/Y amplifier block
Clamp capacitor for brightness
Clamp capacitor for brightness
Clamp capacitor for brightness
SYNC ON GREEN signal input 1
B/Cb signal input 1
Pin No.
Symbol
I/O
Typical signal
Description


Similar Part No. - CXA3516

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3512R SONY-CXA3512R Datasheet
371Kb / 24P
   LCD Driver
More results

Similar Description - CXA3516

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
   3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
logo
Rohm
BU3616K ROHM-BU3616K Datasheet
56Kb / 5P
   3-channel, 8-bit D / A converter
logo
Fujitsu Component Limit...
MB40988 FUJITSU-MB40988 Datasheet
363Kb / 11P
   3-Channel 8-Bit D/A Converter
MB40958 FUJITSU-MB40958 Datasheet
148Kb / 11P
   3-Channel 8-Bit D/A Converter
logo
Rohm
BU3618K ROHM-BU3618K Datasheet
63Kb / 6P
   3-channel 8-bit D / A converter
logo
Fujitsu Component Limit...
MB40978 FUJITSU-MB40978 Datasheet
208Kb / 12P
   3-Channel 8-Bit RGB D/A Converter
logo
Renesas Technology Corp
M62343GP RENESAS-M62343GP_08 Datasheet
119Kb / 8P
   8-Bit, 3-Channel D/A Converter (Buffered)
M62343GP RENESAS-M62343GP Datasheet
104Kb / 8P
   8-Bit, 3-Channel D/A Converter (Buffered)
logo
Burr-Brown (TI)
DAC908 BURR-BROWN-DAC908 Datasheet
180Kb / 15P
   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC908 TI1-DAC908 Datasheet
789Kb / 23P
[Old version datasheet]   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com