Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0218.160MXE- Datasheet(PDF) 2 Page - Littelfuse

Part # 0218.160MXE-
Description  218 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0218.160MXE- Datasheet(HTML) 2 Page - Littelfuse

  0218.160MXE- Datasheet HTML 1Page - Littelfuse 0218.160MXE- Datasheet HTML 2Page - Littelfuse 0218.160MXE- Datasheet HTML 3Page - Littelfuse 0218.160MXE- Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
© 2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
218 Series
5×20 mm > Time-Lag > 218 Series
Please refer to www.littelfuse.com/series/218.html for current information.
Amp
Code
Amp
Rating
(A)
Voltage
Rating
(V)
Interrupting
Rating
Nominal
Cold
Resistance
(Ohms)
Nominal
Melting
I2t (A2 sec)
Nominal
Voltage
Drop at
Rated
Current
(mV)
Nominal
Power
Dissipation
At Rated
Current
(W)
Agency Approvals
PS
E
.032
0.032
250
35 A @ 250 VAC
48.2580
0.01100
5000
1.6
x
x
xxxxx
.040
0.04
250
31.8620
0.01100
4000
1.6
x
x
xxxxx
.050
0.05
250
21.2920
0.01700
3500
1.6
x
x
xxxxx
.063
0.063
250
14.2680
0.02800
3000
1.6
x
x
xxxxx
.080
0.08
250
9.0700
0.07500
2500
1.6
x
x
x
xxxxx
.100
0.1
250
6.0180
0.07900
2000
1.6
x
x
x
xxxxx
.125
0.125
250
4.2000
0.1465
1900
1.6
x
x
x
xxxxx
.160
0.16
250
3.7000
0.14400
1500
1.6
x
x
x
xxxxx
.200
0.2
250
1.6000
0.3410
1300
1.6
x
x
x
xxxxx
.250
0.25
250
1.0495
0.5405
1100
1.6
x
x
x
xxxxx
.315
0.315
250
0.8475
1.1100
1000
1.6
x
x
x
xxxxx
.400
0.4
250
0.5350
1.3250
900
1.6
x
x
x
xxxxx
.500
0.5
250
0.3700
2.8250
300
1.6
x
x
x
xxxxx
.630
0.63
250
0.2750
4.6750
250
1.6
x
x
x
xxxxx
.800
0.8
250
0.0813
3.370
150
1.6
x
x
x
xxxxx
001.
1
250
0.0613
6.730
150
1.6
xxxxxxxxx
1.25
1.25
250
0.0446
12.650
150
1.6
xxxxxxxxx
01.6
1.6
250
0.0336
23.350
150
1.6
xxxxxxxxx
002.
2
250
0.0293
14.450
150
1.6
xxxxxxxxx
02.5
2.5
250
0.0219
23.250
120
1.6
xxxxxxxxx
3.15
3.15
250
0.0173
38.150
100
1.6
xxxxxxxxx
004.
4
250
40 A @ 250 VAC
0.0129
69.10
100
1.6
xxxxxxxxx
005.
5
250
50 A @ 250 VAC
0.0104
111.00
100
1.6
xxxxxxxxx
06.3
6.3
250
63 A @ 250 VAC
0.0076
198.50
100
1.6
xxxxxxxxx
008.
8
250
80 A @ 250 VAC
0.0059
341.50
100
4
x
x
x
x
x
x
010.
10
250
100 A @ 250 VAC
0.0045
568.00
100
4
x
xxx
xx
12.5
12.5
250
63 A @ 250 VAC
0.0034
889.00
100
4
x
x
x
015.
15
250
100 A @ 250 VAC
0.0028
1405.00
100
4
x
x
x
x
x*
016.
16
250
63 A @ 250 VAC
0.0021
1955.00
100
4
x
x
Electrical Characteristics
Average Time Current Curves
Temperature Rerating Curve
0.01
0.1
1
10
100
1000
10000
0.01
0.1
1
10
100
CURRENT IN AMPERES


Similar Part No. - 0218.160MXE-

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0218660000 WEIDMULLER-0218660000 Datasheet
75Kb / 4P
   Feed-through terminal, 6 mm짼, Screw connection, PA 66, TS 35 TS 32
0218660000 WEIDMULLER-0218660000 Datasheet
1Mb / 52P
   SAK-series
0218680000 WEIDMULLER-0218680000 Datasheet
75Kb / 4P
   Feed-through terminal, 6 mm짼, Screw connection, PA 66, TS 35 TS 32
logo
Tyco Electronics
021891-000 MACOM-021891-000 Datasheet
150Kb / 3P
   TINEL - LOCK ADAPTER
More results

Similar Description - 0218.160MXE-

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0215.125MRET1P LITTELFUSE-0215.125MRET1P Datasheet
359Kb / 5P
   215 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
0201YA1R2CAQ2A LITTELFUSE-0201YA1R2CAQ2A Datasheet
329Kb / 3P
   213 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
239 LITTELFUSE-239_1 Datasheet
177Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
218032 LITTELFUSE-218032 Datasheet
216Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
239P LITTELFUSE-239P Datasheet
235Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
215200 LITTELFUSE-215200 Datasheet
163Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
215125P LITTELFUSE-215125P Datasheet
250Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
0213200P LITTELFUSE-0213200P Datasheet
284Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
218032P LITTELFUSE-218032P Datasheet
293Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
021502.5MXESPP LITTELFUSE-021502.5MXESPP Datasheet
362Kb / 3P
   215SP Series, 5x20 mm, Time-Lag Fuse (Slo-Blo짰)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com