Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74AC151F Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74AC151F
Description  8-Channel Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC151F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74AC151F_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74AC151F_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74AC151F_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74AC151F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74AC151F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74AC151F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74AC151F_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74AC151F_12 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TC74AC151P/F
2012-02-29
5
AC Characteristics (CL = 50 pF, RL = 500 Ω, input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta = −40 to
85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
Propagation delay
time
(D-Y, W)
tpLH
tpHL
3.3 ± 0.3
5.0 ± 0.5
10.7
6.6
19.3
10.5
1.0
1.0
22.0
12.0
ns
Propagation delay
time
(A, B, C-Y, W)
tpLH
tpHL
3.3 ± 0.3
5.0 ± 0.5
13.3
8.2
23.7
13.0
1.0
1.0
27.0
14.8
ns
Propagation delay
time
( ST -Y, W)
tpLH
tpHL
3.3 ± 0.3
5.0 ± 0.5
8.6
5.6
15.3
9.6
1.0
1.0
18.0
11.0
ns
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
68
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC


Similar Part No. - TC74AC151F_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC151FN TOSHIBA-TC74AC151FN Datasheet
272Kb / 6P
   8 CHANNEL MULTIPLEXER
TC74AC151FN TOSHIBA-TC74AC151FN Datasheet
319Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Channel Multiplexer
TC74AC151F TOSHIBA-TC74AC151F_07 Datasheet
319Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Channel Multiplexer
More results

Similar Description - TC74AC151F_12

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
338RPFS MAXWELL-338RPFS Datasheet
431Kb / 14P
   8-CHANNEL MULTIPLEXER
logo
Toshiba Semiconductor
TC74HC151AFN TOSHIBA-TC74HC151AFN Datasheet
292Kb / 7P
   8 - CHANNEL MULTIPLEXER
logo
STMicroelectronics
M74HC151 STMICROELECTRONICS-M74HC151_01 Datasheet
338Kb / 12P
   8 CHANNEL MULTIPLEXER
logo
Toshiba Semiconductor
TC74ACT151F TOSHIBA-TC74ACT151F_12 Datasheet
264Kb / 7P
   8-Channel Multiplexer
TC74HC151AP TOSHIBA-TC74HC151AP_07 Datasheet
340Kb / 10P
   8-Channel Multiplexer
logo
STMicroelectronics
M54HC151 STMICROELECTRONICS-M54HC151 Datasheet
248Kb / 11P
   8 CHANNEL MULTIPLEXER
logo
Toshiba Semiconductor
TC74AC151F TOSHIBA-TC74AC151F Datasheet
272Kb / 6P
   8 CHANNEL MULTIPLEXER
TC74ACT151P TOSHIBA-TC74ACT151P Datasheet
265Kb / 6P
   8 CHANNEL MULTIPLEXER
logo
Fairchild Semiconductor
MM74HC151 FAIRCHILD-MM74HC151 Datasheet
71Kb / 7P
   8-Channel Digital Multiplexer
74VHC4051MX FAIRCHILD-74VHC4051MX Datasheet
441Kb / 16P
   8-Channel Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com