Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74AC109F Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74AC109F
Description  Dual J-K Flip Flop with Preset and Clear
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC109F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74AC109F_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74AC109F_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74AC109F_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74AC109F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74AC109F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74AC109F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74AC109F_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74AC109F_12 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TC74AC109P/F
2012-02-29
5
Timing Requirements (input: tr = tf = 3 ns)
Test Condition
Ta =
25°C
Ta =
−40 to
85°C
Characteristics
Symbol
VCC (V)
Limit
Limit
Unit
Minimum pulse width
(CK)
tW (L)
tW (H)
3.3 ± 0.3
5.0 ± 0.5
8.0
5.0
8.0
5.0
ns
Minimum pulse width
(
CLR , PR )
tW (L)
3.3 ± 0.3
5.0 ± 0.5
7.0
5.0
7.0
5.0
ns
Minimum set-up time
ts
3.3 ± 0.3
5.0 ± 0.5
9.0
5.0
9.0
5.0
ns
Minimum hold time
th
3.3 ± 0.3
5.0 ± 0.5
0.0
0.0
0.0
0.0
ns
Minimum removal time
( CLR , PR )
trem
3.3 ± 0.3
5.0 ± 0.5
3.0
2.0
3.0
2.0
ns
AC Characteristics (CL = 50 pF, RL = 500 Ω, input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta = −40 to
85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
Propagation delay
time
(CK-Q, Q )
tpLH
tpHL
3.3 ± 0.3
5.0 ± 0.5
8.2
6.1
13.9
8.7
1.0
1.0
16.0
10.0
ns
Propagation delay
time
( CLR , PR -Q, Q)
tpLH
tpHL
3.3 ± 0.3
5.0 ± 0.5
8.5
6.4
14.4
9.1
1.0
1.0
16.6
10.5
ns
Maximum clock
frequency
fmax
3.3 ± 0.3
5.0 ± 0.5
55
100
120
160
55
100
MHz
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
82
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/2 (per F/F)


Similar Part No. - TC74AC109F_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC109FN TOSHIBA-TC74AC109FN Datasheet
312Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Preset and Clear
More results

Similar Description - TC74AC109F_12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC112 STMICROELECTRONICS-M54HC112 Datasheet
251Kb / 11P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
M54HC76 STMICROELECTRONICS-M54HC76 Datasheet
251Kb / 11P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74HC112AP TOSHIBA-TC74HC112AP_07 Datasheet
311Kb / 10P
   Dual J-K Flip Flop with Preset and Clear
TC74AC112P TOSHIBA-TC74AC112P Datasheet
277Kb / 7P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
TC74HC112AFN TOSHIBA-TC74HC112AFN Datasheet
275Kb / 7P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
M74HC109 STMICROELECTRONICS-M74HC109_01 Datasheet
187Kb / 12P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
M54HC109 STMICROELECTRONICS-M54HC109 Datasheet
249Kb / 11P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
M74HC73 STMICROELECTRONICS-M74HC73 Datasheet
247Kb / 11P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
October 1992
M74HC76-1 STMICROELECTRONICS-M74HC76-1 Datasheet
508Kb / 11P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
August 2001
logo
Hitachi Semiconductor
HD74LS76A HITACHI-HD74LS76A Datasheet
72Kb / 6P
   Dual J-K Flip-Flop(with Preset and Clear)
logo
STMicroelectronics
M74HC73-1 STMICROELECTRONICS-M74HC73-1 Datasheet
323Kb / 11P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com