Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3506R Datasheet(PDF) 1 Page - Sony Corporation

Part # CXA3506R
Description  3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3506R Datasheet(HTML) 1 Page - Sony Corporation

  CXA3506R Datasheet HTML 1Page - Sony Corporation CXA3506R Datasheet HTML 2Page - Sony Corporation CXA3506R Datasheet HTML 3Page - Sony Corporation CXA3506R Datasheet HTML 4Page - Sony Corporation CXA3506R Datasheet HTML 5Page - Sony Corporation CXA3506R Datasheet HTML 6Page - Sony Corporation CXA3506R Datasheet HTML 7Page - Sony Corporation CXA3506R Datasheet HTML 8Page - Sony Corporation CXA3506R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 110 page
background image
3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
Description
The CXA3506R is a 3-channel 8-bit 120MSPS A/D
converter with built-in amplifier and PLL developed
for LCD projectors and LCD monitors.
The CXA3506R inputs RGB graphics signals from
personal computers or others. After the input levels
are controlled, the A/D conversion is performed with
a clock generated by PLL.
The digital output levels are compatible with TTL.
This IC operates at a maximum conversion rate of
120MHz, and can support up to XGA. Control register
supports both I2C and 3-wire bus.
Features
• Supply voltage: 5V, 3.3V
• Power consumption: 1.7W typ. (120MSPS)
• 144-pin LQFP
• 3-ch AMP and PLL eliminate design time for mutual
connections.
Structure
Bipolar silicon monolithic IC
Applications
• LCD monitors
• LCD projectors
• Digital TVs
• PDPs
Functions and Performance
• Power save function
• Supports both I2C and 3-wire bus
Amplifier block
• Clamp
• Main contrast: 8-bit
• Sub contrast: 8-bit
× 3
• Main brightness: 8-bit
× 3
• CbCr offset: 6-bit
× 2
• Supports YCbCr input
• Two input systems
• AMP monitor output/SW monitor output
• SYNCSEP function
A/D converter block
• Maximum conversion rate: 120MSPS
• Supports XGA input
• Supports demultiplexed output
• Supports both in-phase and alternate phase during
demultiplexing
• Supports YUV4:2:2 output
• Output high impedance mode
• Built-in reference voltage
PLL block
• Sync input frequency: 10kHz to 100kHz
• Clock delay: 1/32 to 64/32CLK
• VCO counter: 12-bit
• Low clock jitter
• CLK inversion
• CLK and 1/2CLK outputs
• Phase comparison hold
• Output high impedance mode
– 1 –
E99Y22B1Z-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXA3506R
144 pin LQFP (Plastic)


Similar Part No. - CXA3506R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3503 SONY-CXA3503 Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
More results

Similar Description - CXA3506R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3516R SONY-CXA3516R Datasheet
1Mb / 110P
   3-channel 8-bit 165MSPS A/D Converter Amplifier PLL
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
logo
Intersil Corporation
HI3246 INTERSIL-HI3246 Datasheet
228Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
March 2000
logo
Sony Corporation
CXA3256R SONY-CXA3256R Datasheet
331Kb / 23P
   8-bit 120MSPS Flash A/D Converter
logo
Intersil Corporation
HI3256 INTERSIL-HI3256 Datasheet
229Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
June 1999
logo
Rohm
BU3616K ROHM-BU3616K Datasheet
56Kb / 5P
   3-channel, 8-bit D / A converter
logo
Fujitsu Component Limit...
MB40988 FUJITSU-MB40988 Datasheet
363Kb / 11P
   3-Channel 8-Bit D/A Converter
MB40958 FUJITSU-MB40958 Datasheet
148Kb / 11P
   3-Channel 8-Bit D/A Converter
logo
Rohm
BU3618K ROHM-BU3618K Datasheet
63Kb / 6P
   3-channel 8-bit D / A converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com