Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3503 Datasheet(PDF) 8 Page - Sony Corporation

Part # CXA3503
Description  Driver/Timing Generator for Color LCD Panels
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3503 Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXA3503 Datasheet HTML 4Page - Sony Corporation CXA3503 Datasheet HTML 5Page - Sony Corporation CXA3503 Datasheet HTML 6Page - Sony Corporation CXA3503 Datasheet HTML 7Page - Sony Corporation CXA3503 Datasheet HTML 8Page - Sony Corporation CXA3503 Datasheet HTML 9Page - Sony Corporation CXA3503 Datasheet HTML 10Page - Sony Corporation CXA3503 Datasheet HTML 11Page - Sony Corporation CXA3503 Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
– 8 –
CXA3503R
Pin
No.
Symbol
Pin
voltage
Equivalent circuit
Description
70
71
72
B/B-Y
G/Y
R/R-Y
In Y/color difference input
mode, input the Y signal to
Pin 71, the B-Y signal to Pin 70,
and the R-Y signal to Pin 72.
In RGB input mode, input the
B signal to Pin 70, the G signal
to Pin 71 and the R signal to
Pin 72.
Pedestal clamp these pins with
external coupling capacitors.
G/Y 1.8V
R/R-Y,
B/B-Y,
RGB:
1.8V
Y/color
difference:
2.0V
VDD1
GND1
200
70
71
72


Similar Part No. - CXA3503

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
   3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
More results

Similar Description - CXA3503

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
CXA3572R SONY-CXA3572R Datasheet
300Kb / 40P
   Driver/Timing Generator for Color LCD Panels
CXA2503AR SONY-CXA2503AR Datasheet
1Mb / 72P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA1854AR SONY-CXA1854AR Datasheet
1Mb / 45P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3017R SONY-CXA3017R Datasheet
1Mb / 83P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA2543R SONY-CXA2543R Datasheet
1Mb / 78P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2411AR SONY-CXD2411AR Datasheet
1Mb / 42P
   Timing Generator for Color LCD Panels
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com