Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3362P-504 Datasheet(PDF) 10 Page - Texas Instruments

Part # 3362P-504
Description  A 0.9-A Constant Current Supply with PFC for 100-W LED
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

3362P-504 Datasheet(HTML) 10 Page - Texas Instruments

Back Button 3362P-504 Datasheet HTML 6Page - Texas Instruments 3362P-504 Datasheet HTML 7Page - Texas Instruments 3362P-504 Datasheet HTML 8Page - Texas Instruments 3362P-504 Datasheet HTML 9Page - Texas Instruments 3362P-504 Datasheet HTML 10Page - Texas Instruments 3362P-504 Datasheet HTML 11Page - Texas Instruments 3362P-504 Datasheet HTML 12Page - Texas Instruments 3362P-504 Datasheet HTML 13Page - Texas Instruments 3362P-504 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
7
Performance Data and Typical Characteristic Curves
80
100 120 140
200 220
260
V
RMS -LineVoltage-V
0.88
0.98
1.00
160 180
240
0.92
0.94
EFFICIENCY/POWERFACTOR
vs
LINEVOLTAGE
Efficiency
PowerFactor
0.90
0.96
0
2
4
10
12
6
8
80
100 120 140
200 220
260
V
RMS -LineVoltage-V
160 180
240
TOTAL HARMONICDISTORTION
vs
LINEVOLTAGE
7.1
Transient
Ch2:
BuckV
DS
Ch4:
LEDVoltage
0.5 A/div.
Ch3:
LEDCurrent
Ch1:
BuckV
IN
TRANSITIONMODEBUCKPWMRESPONSE
(Ch1andCh4shareGNDreference)
Ch2:
BuckV
DS
Ch4:
LEDVoltage
0.5 A/div.
Ch3:LED
Current
Ch1:
BuckV
IN
TRANSITIONMODEBUCKPWMRESPONSEEXPANDED
(Ch1andCh4shareGNDreference)
Performance Data and Typical Characteristic Curves
www.ti.com
Figure 4 through Figure 8 present some typical performance curves for the UCC28810EVM-002 with 30
Cree XRE LED’s at 900 mA.
Figure 4.
Figure 5.
Figure 6.
Figure 7.
A 0.9-A Constant Current Supply with PFC for 100-W LED Lighting Applications
10
SLUU355A – March 2009 – Revised June 2009
Submit Documentation Feedback


Similar Part No. - 3362P-504

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3362P-1-100 BOURNS-3362P-1-100 Datasheet
164Kb / 2P
   3362 - 1/4 ??Square Trimming Potentiometer
3362P-1-100LF BOURNS-3362P-1-100LF Datasheet
164Kb / 2P
   3362 - 1/4 ??Square Trimming Potentiometer
3362P-1-101 BOURNS-3362P-1-101 Datasheet
283Kb / 2P
   3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
3362P-1-101T BOURNS-3362P-1-101T Datasheet
356Kb / 2P
   3362 - 1/4 Square Trimpot Trimming Potentiometer
3362P-1-101T BOURNS-3362P-1-101T Datasheet
356Kb / 2P
   3362 - 1/4 Square Trimpot Trimming Potentiometer
More results

Similar Description - 3362P-504

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3339 STMICROELECTRONICS-AN3339 Datasheet
1Mb / 44P
   185 W power supply with PFC and standby supply for LED TV
logo
ON Semiconductor
CAT4101 ONSEMI-CAT4101_12 Datasheet
152Kb / 9P
   1 A Constant-Current LED Driver
July, 2012 ??Rev. 8
CAT4101TV-T75 ONSEMI-CAT4101TV-T75 Datasheet
158Kb / 11P
   1 A Constant-Current LED Driver with PWM Dimming
Doc. No. MD-5036, Rev. D
CAT4101 ONSEMI-CAT4101 Datasheet
159Kb / 10P
   1 A Constant-Current LED Driver with PWM Dimming
February, 2010 ??Rev. 4
logo
Coilcraft lnc.
HA3858 COILCRAFT-HA3858_16 Datasheet
390Kb / 2P
   Magnetics for 300 W Power Supply with PFC
logo
STMicroelectronics
STCS1A STMICROELECTRONICS-STCS1A Datasheet
449Kb / 19P
   1.5 A max constant current LED driver
STCS05 STMICROELECTRONICS-STCS05 Datasheet
683Kb / 16P
   0.5 A max constant current LED driver
STCS2A STMICROELECTRONICS-STCS2A Datasheet
372Kb / 18P
   2 A max constant current LED driver
STCS05A STMICROELECTRONICS-STCS05A Datasheet
854Kb / 18P
   0.5 A max constant current LED driver
STCS2 STMICROELECTRONICS-STCS2 Datasheet
280Kb / 16P
   2 A max constant current LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com