Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

021602.5MXP Datasheet(PDF) 4 Page - Littelfuse

Part # 021602.5MXP
Description  216 Series, 5 x 20 mm, Fast-Acting Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

021602.5MXP Datasheet(HTML) 4 Page - Littelfuse

  021602.5MXP Datasheet HTML 1Page - Littelfuse 021602.5MXP Datasheet HTML 2Page - Littelfuse 021602.5MXP Datasheet HTML 3Page - Littelfuse 021602.5MXP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
© 2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
216 Series
5×20 mm > Fast-Acting > 216 Series
Please refer to www.littelfuse.com/series/216.html for current information.
Dimensions
Packaging
0216.050XEP
to
0216.800XEP
0216 000XP
40
20+0.5
22.5 MAX
5.1+0.6
5.2+0.1
-0.2
5.1+0.6
6.0 MAX
0216001.XEP
to
0216016.XEP
0.65**
0.65
40
22.5 MAX
5.8 MAX
All dimensions in mm
** Ratings above 6.3A have 0.8 mm diameter lead
Part Numbering System
0216 xxxx M X E P
Series
Amp Code
Refer to Amp Code column of
Electrical Characteristics Table
Lead-free
Quantity Code
M = 1000
Option Codes
Blank : Cartidge Type Fuse
E
: Axial Leaded Fuse
Packaging Code
X = Filler
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
Taping Width
216 Series
1000
MX
1000
MXE
EIA 296-E
1000
MRET1
1000
MXG
1000
MXB
100


Similar Part No. - 021602.5MXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0216001.MXESPP LITTELFUSE-0216001.MXESPP Datasheet
1Mb / 3P
   Axial Lead Fuses
0216002.MXESPP LITTELFUSE-0216002.MXESPP Datasheet
1Mb / 3P
   Axial Lead Fuses
0216004.MXESPP LITTELFUSE-0216004.MXESPP Datasheet
1Mb / 3P
   Axial Lead Fuses
0216005.MXESPP LITTELFUSE-0216005.MXESPP Datasheet
1Mb / 3P
   Axial Lead Fuses
0216008.MXESPP LITTELFUSE-0216008.MXESPP Datasheet
1Mb / 3P
   Axial Lead Fuses
More results

Similar Description - 021602.5MXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
217032P LITTELFUSE-217032P Datasheet
303Kb / 2P
   5 x 20 mm Fast-Acting Fuse
216050P LITTELFUSE-216050P Datasheet
217Kb / 2P
   5 x 20 mm Fast-Acting Fuse
217032 LITTELFUSE-217032 Datasheet
224Kb / 2P
   5 x 20 mm Fast-Acting Fuse
235100P LITTELFUSE-235100P Datasheet
191Kb / 2P
   5 x 20 mm Fast-Acting Fuse
216050 LITTELFUSE-216050 Datasheet
181Kb / 2P
   5 x 20 mm Fast-Acting Fuse
02351.25HXE- LITTELFUSE-02351.25HXE- Datasheet
209Kb / 4P
   235 Series, 5 x 20 mm, Fast-Acting Fuse
0235.100HXE LITTELFUSE-0235.100HXE Datasheet
209Kb / 4P
   235 Series, 5 x 20 mm, Fast-Acting Fuse
0217.032HXP LITTELFUSE-0217.032HXP Datasheet
232Kb / 4P
   217 Series, 5 x 20 mm, Fast-acting Fuse
0232001 LITTELFUSE-0232001_1 Datasheet
394Kb / 4P
   5 x 20 mm Medium-Acting Fuse
0233001P LITTELFUSE-0233001P Datasheet
245Kb / 2P
   5 x 20 mm Medium-Acting Fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com