Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

33681C Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # 33681C
Description  Vertical Mount Toroidal Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

33681C Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  33681C Datasheet HTML 1Page - Murata Power Solutions Inc. 33681C Datasheet HTML 2Page - Murata Power Solutions Inc. 33681C Datasheet HTML 3Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KMP_3300C_A04 Page 2 of 3
3300 Series
Vertical Mount Toroidal Inductors
www.murata-ps.com/support
INDUCTANCE Vs CURRENT
TEMPERATURE Vs CURRENT
INDUCTANCE Vs FREQUENCY
1
10
100
1000
0.0
0.0
0.1
1.0
10.0
100.0
Current, IDC (A)
1mH
100μH
10μH
0
10
20
30
40
50
60
0.0
2.0
4.0
6.0
8.0
10.0
12.0
Current, IDC (A)
1mH
100μH
10μH
1
10
100
1000
10000
10
100
1000
10000
Frequency, (kHz)
1mH
100μH
10μH


Similar Part No. - 33681C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
33681C MURATA-33681C Datasheet
130Kb / 3P
   Vertical Mount Toroidal Inductors
More results

Similar Description - 33681C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KMP_3300 MURATA-KMP_3300 Datasheet
130Kb / 3P
   Vertical Mount Toroidal Inductors
KMP_3200 MURATA-KMP_3200 Datasheet
129Kb / 3P
   Vertical Mount Toroidal Inductors
KMP_4200 MURATA-KMP_4200 Datasheet
138Kb / 3P
   Toroidal Surface Mount Inductors
logo
Murata Power Solutions ...
803 MURATA-PS-803 Datasheet
183Kb / 2P
   Horizontal Mount Toroidal Inductors
logo
C&D Technologies
4000 CANDD-4000 Datasheet
192Kb / 1P
   Toroidal Surface Mount Inductors
logo
Rhombus Industries Inc.
L-15000 RHOMBUS-IND-L-15000 Datasheet
41Kb / 1P
   Surface Mount Toroidal Inductors
logo
ECM Electronics Limited...
SMTC30 ECM-SMTC30 Datasheet
148Kb / 1P
   Surface Mount Toroidal Inductors
logo
Murata Power Solutions ...
4100 MURATA-PS-4100 Datasheet
186Kb / 2P
   Toroidal Surface Mount Inductors
logo
C&D Technologies
4100 CANDD-4100 Datasheet
172Kb / 1P
   Toroidal Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_4000 MURATA-KMP_4000 Datasheet
103Kb / 2P
   Toroidal Surface Mount Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com