Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7USB221FT Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC7USB221FT
Description  Dual SPDT USB Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7USB221FT Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC7USB221FT Datasheet HTML 4Page - Toshiba Semiconductor TC7USB221FT Datasheet HTML 5Page - Toshiba Semiconductor TC7USB221FT Datasheet HTML 6Page - Toshiba Semiconductor TC7USB221FT Datasheet HTML 7Page - Toshiba Semiconductor TC7USB221FT Datasheet HTML 8Page - Toshiba Semiconductor TC7USB221FT Datasheet HTML 9Page - Toshiba Semiconductor TC7USB221FT Datasheet HTML 10Page - Toshiba Semiconductor TC7USB221FT Datasheet HTML 11Page - Toshiba Semiconductor TC7USB221FT Datasheet HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TC7USB221FT
2009-11-16
8
PULSE SKEW tSK(P) = |tpLH - tpHL|
VOL
VOH
0.4 V
0.8 V
50%
50%
tpLH
tpHL
Input
(D+, D-)
Output
(1D+, 1D-, 2D+, 2D-)
50%
50%
Output
D+, D-
1D+, 1D-
Control
GND
2D+, 2D-
OE
S
H or L
VCC
Input
OUTPUT SKEW tSK(O) = |tpLH(+) - tpLH(-)| or |tpHL(+) - tpHL(-)|
Figure 4 : Skew of Opposite Transitions of the same output, Output skew
VOL
VOH
0.4 V
0.8 V
50%
50%
tpLH(+)
tpHL(+)
Input
(D+, D-)
Output(+)
(1D+ or 2D+)
50%
50%
VOL
50%
Output(-)
(1D- or 2D-)
50%
VOH
tpLH(-)
tpHL(-)
tSK(O)
tSK(O)


Similar Part No. - TC7USB221FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7USB221WBG TOSHIBA-TC7USB221WBG Datasheet
247Kb / 11P
   Dual SPDT USB Switch
More results

Similar Description - TC7USB221FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7USB221WBG TOSHIBA-TC7USB221WBG Datasheet
247Kb / 11P
   Dual SPDT USB Switch
logo
Mini-Circuits
USB-1SP2T-673 MINI-USB-1SP2T-673 Datasheet
908Kb / 10P
   USB RF SPDT Switch
Rev. OR
USB-4SP2T-63H MINI-USB-4SP2T-63H Datasheet
606Kb / 8P
   USB RF-SPDT Switch Matrix
USB-2SP2T-DCH MINI-USB-2SP2T-DCH Datasheet
794Kb / 8P
   USB RF-SPDT Switch Matrix
USB-3SPDT-A18 MINI-USB-3SPDT-A18 Datasheet
685Kb / 6P
   USB RF-SPDT Switch Matrix
USB-1SP16T-83H MINI-USB-1SP16T-83H Datasheet
678Kb / 10P
   USB RF-SPDT Switch Matrix
USB-1SPDT-A18 MINI-USB-1SPDT-A18 Datasheet
536Kb / 5P
   USB RF-SPDT Switch Matrix
USB-2SPDT-A18 MINI-USB-2SPDT-A18 Datasheet
621Kb / 6P
   USB RF-SPDT Switch Matrix
USB-8SPDT-A18 MINI-USB-8SPDT-A18 Datasheet
1Mb / 17P
   USB RF-SPDT Switch Matrix
logo
Analog Devices
ADG436 AD-ADG436_05 Datasheet
323Kb / 12P
   Dual SPDT Switch
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com