Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7USB31FK Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC7USB31FK
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7USB31FK Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC7USB31FK Datasheet HTML 1Page - Toshiba Semiconductor TC7USB31FK Datasheet HTML 2Page - Toshiba Semiconductor TC7USB31FK Datasheet HTML 3Page - Toshiba Semiconductor TC7USB31FK Datasheet HTML 4Page - Toshiba Semiconductor TC7USB31FK Datasheet HTML 5Page - Toshiba Semiconductor TC7USB31FK Datasheet HTML 6Page - Toshiba Semiconductor TC7USB31FK Datasheet HTML 7Page - Toshiba Semiconductor TC7USB31FK Datasheet HTML 8Page - Toshiba Semiconductor TC7USB31FK Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TC7USB31FK
2009-11-12
5
AC Characteristics VCC = 3.3V ± 10% (Ta = −40 to 85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Unit
Propagation Delay Time
(Note)
tpd
CL=5pF
3.3
± 0.3
0.25
ns
Turn ON Time ( OE to Output)
tON
RL=50Ω, CL=5pF
3.3
± 0.3
4
10
ns
Turn OFF Time ( OE to Output)
tOFF
RL=50Ω, CL=5pF
3.3
± 0.3
3.2
9
ns
Output skew between center port to
any other port
(Note)
tSK(O)
CL=5pF
3.3
± 0.3
0.1
ns
Skew of Opposite Transitions of the
same output (tpHL- tpLH)
(Note)
tSK(P)
CL=5pF
3.3
± 0.3
0.1
ns
Off Isolation (Non-Adjacent)
OIRR
RT=50Ω, f=240MHz
3.3
± 0.3
-27
dB
Crosstalk(Non-Adjacent)
XTalk
RT=50Ω, f=240MHz
3.3
± 0.3
-60
dB
-3dB Bandwidth
BW
RT=50Ω, CL=0pF
3.3
± 0.3
1100
MHz
Note: This parameter is guaranteed by design.


Similar Part No. - TC7USB31FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7USB31WBG TOSHIBA-TC7USB31WBG Datasheet
245Kb / 12P
   Dual SPST USB Switch
More results

Similar Description - TC7USB31FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com