Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7SZ17F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7SZ17F
Description  Schmitt Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ17F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7SZ17F Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ17F Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ17F Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ17F Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ17F Datasheet HTML 5Page - Toshiba Semiconductor TC7SZ17F Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TC7SZ17F/FU
2009-09-17
3
Ta
= 25°C
Ta
= −40 to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.65
1.55
1.65
1.55
1.8
1.7
1.8
1.7
2.3
2.2
2.3
2.2
3.0
2.9
3.0
2.9
IOH = −100 μA
4.5
4.4
4.5
4.4
IOH = −4 mA
1.65
1.29
1.52
1.29
IOH = −8 mA
2.3
1.9
2.15
1.9
IOH = −16 mA
3.0
2.4
2.8
2.4
IOH = −24 mA
3.0
2.3
2.68
2.3
High level
VOH
VIN = VP
IOH = −32 mA
4.5
3.8
4.2
3.8
1.65
0
0.1
0.1
1.8
0
0.1
0.1
2.3
0
0.1
0.1
3.0
0
0.1
0.1
IOL = 100 μA
4.5
0
0.1
0.1
IOL = 4 mA
1.65
0.08
0.24
0.24
IOL = 8 mA
2.3
0.1
0.3
0.3
IOL = 16 mA
3.0
0.15
0.4
0.4
IOL = 24 mA
3.0
0.22
0.55
0.55
Output
voltage
Low level
VOL
VIN = VN
IOL = 32 mA
4.5
0.22
0.55
0.55
V
Input leakage current
IIN
VIN = 5.5 V or GND
0 to 5.5
±1
±10
μA
Power OFF leakage
current
IOFF
VIN or VOUT = 5.5 V
0.0
1
10
μA
Quiescent supply current
ICC
VIN = 5.5 V or GND
1.65 to
5.5
1
10
μA
AC Characteristics (Unless otherwise specified Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40 to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.8
±
0.15
2.0
9.1
15.0
2.0
15.6
2.5
± 0.2
1.0
5.0
9.0
1.0
9.5
3.3
± 0.3
1.0
3.7
6.3
1.0
6.5
CL = 15 pF,
RL = 1 MΩ
5.0
± 0.5
0.5
3.1
5.2
0.5
5.5
3.3
± 0.3
1.5
4.4
7.2
1.5
7.5
Propagation delay time
tpLH
tpHL
CL = 50 pF,
RL = 500 Ω
5.0
± 0.5
0.5
3.7
5.9
0.8
6.2
ns
Input capacitance
CIN
0 to 5.5
4
pF
3.3
24
pF
Power dissipation capacitance
CPD
(Note 7)
5.5
30
pF
Note 7: CPD is defined as the value of the internal equivalent capacitance which is Calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation.
ICC (opr) = CPD・VCC・fIN + ICC


Similar Part No. - TC7SZ17F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZ17FE TOSHIBA-TC7SZ17FE Datasheet
163Kb / 9P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-12-21 Rev.2.0
More results

Similar Description - TC7SZ17F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SG17 ONSEMI-NL17SG17 Datasheet
95Kb / 9P
   Schmitt Buffer
July, 2015 ??Rev. 6
logo
Toshiba Semiconductor
TC7SG17AFS TOSHIBA-TC7SG17AFS Datasheet
155Kb / 6P
   Schmitt Buffer
TC7SG17FU TOSHIBA-TC7SG17FU Datasheet
151Kb / 6P
   Schmitt Buffer
TC7SZ17AFS TOSHIBA-TC7SZ17AFS Datasheet
184Kb / 5P
   Schmitt Buffer
TC7SH17F TOSHIBA-TC7SH17F Datasheet
172Kb / 6P
   Schmitt Buffer
TC7SG17FE TOSHIBA-TC7SG17FE Datasheet
147Kb / 6P
   Schmitt Buffer
TC74VHCV17FT TOSHIBA-TC74VHCV17FT Datasheet
182Kb / 8P
   Hex Schmitt Buffer
TC7PG17FU TOSHIBA-TC7PG17FU Datasheet
149Kb / 6P
   Dual Schmitt Buffer
2009-09-18
TC7PG17AFE TOSHIBA-TC7PG17AFE Datasheet
281Kb / 6P
   Dual Schmitt Buffer
2013-07-25
TC7PA17FU TOSHIBA-TC7PA17FU Datasheet
184Kb / 8P
   Dual Schmitt Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com