Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3600BL14M100 Datasheet(PDF) 2 Page - Johanson Technology Inc.

Part # 3600BL14M100
Description  WiMAX Products
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

3600BL14M100 Datasheet(HTML) 2 Page - Johanson Technology Inc.

  3600BL14M100 Datasheet HTML 1Page - Johanson Technology Inc. 3600BL14M100 Datasheet HTML 2Page - Johanson Technology Inc. 3600BL14M100 Datasheet HTML 3Page - Johanson Technology Inc. 3600BL14M100 Datasheet HTML 4Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
1 Aug 08
Visit
www.johansontechnology.com/application for the latest
products, detailed specifications, and to download S-parameter files.
Visit
www.johansontechnology.com/application for the latest
products, detailed specifications, and to download S-parameter files.
Product
JtI P/N
SPecS
SIze
APPlIcAtIoN commeNtS
Balun
2500BL14M100
Frequency (MHz)
2300 - 2700
Case 14-1
L= 0.063
(1.60)
W=0.031
(0.80)
T= 0.024
(0.60)
New 2:1 balun in EIA 0603 profile for WiMAX 2.3/2.5
GHz band. Excellent I.L, R.L and Phase difference
performance over the entire band.
Impedence Unbalanced/Balanced 50/100
Insertion Loss (max)
1.2 dB (Prelim)
Return Loss (min)
9.5 dB
Phase Difference
180°±15°
Amplitude Difference (max)
1.5 dB
Balun
3600BL14M050
Frequency (MHz)
3300 - 3900
Case 14-1
L= 0.063
(1.60)
W=0.031
(0.80)
T= 0.024
(0.60)
New 1:1 balun in EIA 0603 profile for WiMAX 3.3/3.9
GHz band. Excellent I.L, R.L and Phase difference
performance over the entire band.
Impedence Unbalanced/Balanced 50/50
Insertion Loss (max)
1.2 dB (Prelim)
Return Loss (min)
9.5 dB
Phase Difference
180°±15°
Amplitude Difference (max)
1.5 dB
Balun
3600BL14M100
Frequency (MHz)
3300 - 3900
Case 14-1
L= 0.063
(1.60)
W=0.031
(0.80)
T= 0.024
(0.60)
New 2:1 balun in EIA 0603 profile for WiMAX 3.3/3.9
GHz band. Excellent I.L, R.L and Phase difference
performance over the entire band.
Impedence Unbalanced/Balanced 50/100
Insertion Loss (max)
1.2 dB (Prelim)
Return Loss (min)
9.5 dB
Phase Difference
180°±15°
Amplitude Difference (max)
1.5 dB
Balun
3700BL15B050
Frequency (MHz)
3400 - 4000
Case 15-1B
L= 0.079
(2.00)
W=0.049
(1.25)
T= 0.035
(0.90)
A 1:1 balun suitable for WiMAX 3.5 GHz application.
Features a 3.4/4.0 GHz application band in an EIA
0805 profile.
Impedence Unbalanced/Balanced 50/50
Insertion Loss (max)
1.2 dB
Return Loss (min)
9.5 dB
Phase Difference
180°±25°
Amplitude Difference (max)
2.0 dB
Balun
3700BL15B100
Frequency (MHz)
3400 - 4000
Case 15-1B
L= 0.079
(2.00)
W=0.049
(1.25)
T= 0.035
(0.90)
A 2:1 balun suitable for WiMAX 3.5 GHz application.
Features a 3.4/4.0 GHz application band in an EIA
0805 profile.
Impedence Unbalanced/Balanced 50/100
Insertion Loss (max)
1.0 dB
Return Loss (min)
9.5 dB
Phase Difference
180°± 20°
Amplitude Difference (max)
1.0 dB


Similar Part No. - 3600BL14M100

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
3600BL14M100 JOHANSON-3600BL14M100 Datasheet
133Kb / 2P
   3.6 GHz Balun
More results

Similar Description - 3600BL14M100

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5032 EPCOS-B5032_1 Datasheet
78Kb / 7P
   WiMAX
B5034 EPCOS-B5034_1 Datasheet
58Kb / 7P
   WiMAX
B5094 EPCOS-B5094 Datasheet
100Kb / 8P
   WiMax
logo
Analog Devices
AD9353 AD-AD9353_15 Datasheet
97Kb / 2P
   WiMAX RF
Rev. Sp0
ADL5570 AD-ADL5570_15 Datasheet
355Kb / 12P
   WiMAX Power Amplifier
REV. 0
logo
List of Unclassifed Man...
FXP100070100A ETC2-FXP100070100A Datasheet
740Kb / 9P
   Flexible WiMAX antenna
logo
ATMEL Corporation
AT86RF535B ATMEL-AT86RF535B Datasheet
405Kb / 13P
   3.5GHz WiMAX Transceiver
logo
Analog Devices
AD9352 AD-AD9352_15 Datasheet
103Kb / 2P
   WiMAX/WiBro RF
Rev. Sp0
logo
EPCOS
B5075 EPCOS-B5075 Datasheet
89Kb / 8P
   SAW filter WiMAX
logo
NXP Semiconductors
BLF6G27-10 NXP-BLF6G27-10 Datasheet
117Kb / 15P
   WiMAX power LDMOS transistor
Rev. 01-4 February 2009
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com