Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCY2G150MPD Datasheet(PDF) 5 Page - Diodes Incorporated

Part # UCY2G150MPD
Description  High Power Factor LED Replacement T8 Fluorescent Tube
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

UCY2G150MPD Datasheet(HTML) 5 Page - Diodes Incorporated

  UCY2G150MPD Datasheet HTML 1Page - Diodes Incorporated UCY2G150MPD Datasheet HTML 2Page - Diodes Incorporated UCY2G150MPD Datasheet HTML 3Page - Diodes Incorporated UCY2G150MPD Datasheet HTML 4Page - Diodes Incorporated UCY2G150MPD Datasheet HTML 5Page - Diodes Incorporated UCY2G150MPD Datasheet HTML 6Page - Diodes Incorporated UCY2G150MPD Datasheet HTML 7Page - Diodes Incorporated UCY2G150MPD Datasheet HTML 8Page - Diodes Incorporated UCY2G150MPD Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AN75
Issue 1 – January 2011
5
www.diodes.com
© Diodes Incorporated 2010
Maximum drain-source voltage stress on the power MOSFET for this converter is equal to the input
voltage. However, a typical voltage safety margin for the MOSFET defines the maximum reverse
voltage as follows,
V
485
V
373
3
.
1
V
3
.
1
V
(max)
IN
DSS
=
×
=
×
=
which implies that a common 500V MOSFET is suitable.
The power MOSFET losses will be dominated by switching loss. The switching loss depends on the
switching time, frequency, MOSFET drain current and drain-source voltage. The switching rise time
t
RISE and fall time tFALL is a function of the MOSFET’s gate capacitance, the gate driver capability of the
AL9910 and layout design. The worse case switching power losses occurs at V
LED(min) and VIN(max).
The switching loss is approximately,
()
455mW
2
63.8kHz
65ns
373V
2
63.8kHz
65ns
88mA
297mA
373V
2
f
t
I
V
2
f
t
L
t
V
I
V
P
swi(max)
FALL
pk
IN(max)
swi(max)
RISE
BUCK
OFF
LED(min)
pk
IN(max)
SW
=
×
×
+
×
×
×
=
×
×
×
+
×
×
⎟⎟
⎜⎜
×
=
where the switching time t
RISE
and t
FALL
are measured to be 65ns with the 600V MOSFET
SPB03N60S5 as the power MOSFET. As shown in Figure 1, R10 is a series gate resistor that slows
down the MOSFET switching and reduces EMI emission.
The RMS current through the MOSFET at V
LED(min) and VIN(max) is given by,
mA
89
12
mH
6
.
6
s
μ
9
.
13
V
42
mA
240
V
373
V
42
12
L
t
V
I
V
V
I
BUCK
OFF
(min)
LED
)
nom
(
LED
(max)
IN
(min)
LED
D(RMS)
=
⎟⎟
⎜⎜
×
+
×
=
⎟⎟
⎜⎜
×
+
×
=
The power MOSFET conduction loss depends on its static drain-source resistance R
DS(ON) at the
MOSFET working temperature. It is possible to calculate the continuous conduction loss:
()
mW
19
5
.
2
mA
89
R
I
P
2
DS(ON)
2
D(RMS)
COND
=
Ω
×
=
×
=
The total power MOSFET loss is:
mW
474
mW
19
mW
455
P
P
P
COND
SW
TOT
=
+
=
+
=
Total MOSFET power loss is dissipated from the SMD package into the PC Board. So it is possible to
calculate the MOSFET working junction temperature can be calculated if the package junction-to-
ambient thermal resistance R
thJA is known. The calculated MOSFET junction temperature, TJ, must be
lower then the maximum allowable junction temperature T
J(MAX):
C
4
.
109
C
80
W
C
62
mW
474
T
θ
P
T
AMB
thJA
TOT
J
o
o
o
=
+
×
=
+
×
=
The internal ambient temperature within the LED converter, T
AMB, is assumed to be 80ºC. θthJA =
W
C
62 o
is the thermal resistance for TO-263 with minimum copper area. For practical design, it is
recommended to keep the junction temperature below 110ºC to avoid temperature stress on the
device.


Similar Part No. - UCY2G150MPD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UCY2G180MPD NICHICON-UCY2G180MPD Datasheet
60Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UCY2G150MPD

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM7162AL HMSEMI-HM7162AL Datasheet
1Mb / 13P
   T5/T8 series LED fluorescent tube
logo
Ningbo Foryard Optoelec...
FYT8-3528UW-B-288 FORYARD-FYT8-3528UW-B-288 Datasheet
552Kb / 5P
   T8 LED tube
FYT8-5050UW3-B-96 FORYARD-FYT8-5050UW3-B-96 Datasheet
489Kb / 5P
   T8 LED tube
logo
P-tec Corporation
E68I P-TEC-E68I Datasheet
208Kb / 2P
   E68i T8 LED Tube
I38I P-TEC-I38I Datasheet
1,019Kb / 7P
   I38i T8 LED Tube
E48I P-TEC-E48I Datasheet
765Kb / 8P
   E48i T8 LED Tube
PLSO-T8AG5-WXXXX-60 P-TEC-PLSO-T8AG5-WXXXX-60 Datasheet
580Kb / 2P
   G5 IPS LED T8 TUBE
PLSO-T8AG4-WXXXX-60 P-TEC-PLSO-T8AG4-WXXXX-60 Datasheet
570Kb / 2P
   G4 IPS LED T8 TUBE
PLSO-T8AG33000-120 P-TEC-PLSO-T8AG33000-120 Datasheet
201Kb / 2P
   G3 Series LED T8 Tube
logo
OSRAM GmbH
QTP81X36 OSRAM-QTP81X36 Datasheet
52Kb / 2P
   QUICKTRONIC짰PROFESSIONAL T8 ECG for T8/26mm fluorescent lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com