Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOC2411 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOC2411
Description  30V P-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOC2411 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOC2411 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOC2411 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOC2411 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOC2411 Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AOC2411
Symbol
Min
Typ
Max
Units
BVDSS
-30
V
-1
TJ=55°C
-5
IGSS
±100
nA
VGS(th)
-0.6
-1
-1.4
V
37
45
TJ=125°C
52
63
45
60
gFS
7.5
S
VFSD
-0.7
-1
V
Ciss
1253
1630
pF
Coss
167
220
pF
Crss
105
150
pF
Rg
16.7
34
Qg
12.5
20
nC
Qgs
2
nC
Qgd
3.2
nC
tD(on)
14
25
tr
12
20
tD(off)
150
225
tf
72
110
trr
14.5
30
ns
Note 1: Guaranteed by design
ns
Body Diode Reverse Recovery Time
IF=-1A, dI/dt=100A/µs
VGS=-4.5V, VDS=-10V, ID=-1A
Total Gate Charge
Gate Source Charge
Gate Drain Charge
VGS=-4.5V, VDS=-10V, RL=10Ω,
ID=1A, RGEN=6Ω
Turn-Off Fall Time
Parameter
Conditions
VGS=-4.5V, ID=-1A
Static Source to Source On-Resistance
Gate Threshold Voltage
VGS=-2.5V, ID=-1A
STATIC PARAMETERS
ID=-1A,VGS=0V,
VDS=-5V, ID=-1A
DYNAMIC PARAMETERS
Note1
Diode Forward Voltage
m
VGS=0V, VDS=-15V, f=1MHz,
Electrical Characteristics (TJ=25°C unless otherwise noted)
SWITCHING PARAMETERS
Note1
VGS=0V, VDS=0V, f=1MHz
Zero Gate Voltage Source Current
Gate leakage current
Forward Transconductance
RDS(ON)
VDS=VGS, ID=-250µA
VDS=-30V, VGS=0V
VDS=0V, VGS=±12V
Source-Source Breakdown Voltage
ID=-250µA, VGS=0V
IDSS
µA
Input Capacitance
Output Capacitance
Turn-On DelayTime
Turn-On Rise Time
Turn-Off DelayTime
Reverse Transfer Capacitance
Gate resistance
Rev 1 : August 2012
www.aosmd.com
Page 2 of 5
Note 1: Guaranteed by design
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE
Rev 1 : August 2012
www.aosmd.com
Page 2 of 5


Similar Part No. - AOC2411

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOC2412 AOSMD-AOC2412 Datasheet
227Kb / 5P
   20V N-Channel MOSFET
AOC2413 AOSMD-AOC2413 Datasheet
253Kb / 5P
   8V P-Channel MOSFET
AOC2414 AOSMD-AOC2414 Datasheet
256Kb / 5P
   8V N-Channel MOSFET
AOC2415 AOSMD-AOC2415 Datasheet
248Kb / 5P
   20V P-Channel MOSFET
AOC2417 AOSMD-AOC2417 Datasheet
250Kb / 5P
   20V P-Channel MOSFET
Rev 0 : Nov. 2012
More results

Similar Description - AOC2411

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
   30V P-Channel MOSFET
AO4801A AOSMD-AO4801A_11 Datasheet
279Kb / 5P
   30V P-Channel MOSFET
AON2705 AOSMD-AON2705 Datasheet
398Kb / 6P
   30V P-Channel MOSFET
AOD403 AOSMD-AOD403_11 Datasheet
414Kb / 6P
   30V P-Channel MOSFET
AO4415 AOSMD-AO4415 Datasheet
172Kb / 4P
   30V P-Channel MOSFET
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
   30V P-Channel MOSFET
AO3409 AOSMD-AO3409_11 Datasheet
239Kb / 5P
   30V P-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com