Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

02153.15MXP Datasheet(PDF) 4 Page - Littelfuse

Part # 02153.15MXP
Description  215 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

02153.15MXP Datasheet(HTML) 4 Page - Littelfuse

  02153.15MXP Datasheet HTML 1Page - Littelfuse 02153.15MXP Datasheet HTML 2Page - Littelfuse 02153.15MXP Datasheet HTML 3Page - Littelfuse 02153.15MXP Datasheet HTML 4Page - Littelfuse 02153.15MXP Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
© 2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
215 Series
5×20 mm > Time-Lag > 215 Series
Please refer to www.littelfuse.com/series/215.html for current information.
Dimensions
0215.125P
to
0215020P
0215.125XEP
to
0215.800XEP
0215001.XEP
to
0215020.XEP
* Ratings above 6.3 A have 0.8 mm diameter lead;
ratings above 12 A have 1.2 mm diameter lead
Part Numbering System
0215 xxxx M X E P
Series
Amp Code
Refer to Amp Code column of
Electrical Characteristics Table
Lead-free
Quantity Code
M = 1000
Option Codes
Blank : Cartidge Type Fuse
E
: Axial Lead Fuse
Packaging Code
X = Filler
Soldering Parameters - Wave Soldering
Dwell Time
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
Time (Seconds)
Cooling Time
Preheat Time
Wave Parameter
Lead-Free Recommendation
Preheat:
(Typical Industry Recommendation)
Temperature Minimum:
100
° C
Temperature Maximum:
150
° C
Preheat Time:
60-180 seconds
Solder Pot Temperature:
260
° C Maximum
Solder Dwell Time:
2-5 seconds
Recommended Hand-Solder Parameters:
Solder Iron Temperature: 350° C +/- 5°C
Note: These devices are not recommended for IR or
Convection Reflow process.
Recommended Process Parameters:
For the pigtailed fuse, please follow the recommendations
below for axial lead forming and mounting into PCB:
Lead forming:
The distance C between cap flat surface and axial lead shall
be greater than 1.0 mm.
PCB mounting:
The distance between PCB and fuse cap is recommended to
be a minimum of 1.5 mm.
A
B
C
C
B
Different values of A and B available, please contact the Littelfuse sales representative in your region:


Similar Part No. - 02153.15MXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
02153.15MXE LITTELFUSE-02153.15MXE Datasheet
125Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
02153.15MXE- LITTELFUSE-02153.15MXE- Datasheet
125Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
More results

Similar Description - 02153.15MXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0215-315MXP LITTELFUSE-0215-315MXP Datasheet
1Mb / 4P
   215 Series, 5횞20 mm, Time-Lag (Slo-Blo짰) Fuse
0218.032HXP LITTELFUSE-0218.032HXP Datasheet
347Kb / 4P
   218 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
0201YA1R2CAQ2A LITTELFUSE-0201YA1R2CAQ2A Datasheet
329Kb / 3P
   213 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
221 LITTELFUSE-221 Datasheet
94Kb / 1P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse) 215/221 Series
239 LITTELFUSE-239_1 Datasheet
177Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
218032 LITTELFUSE-218032 Datasheet
216Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
239P LITTELFUSE-239P Datasheet
235Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
215200 LITTELFUSE-215200 Datasheet
163Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
215125P LITTELFUSE-215125P Datasheet
250Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
0213200P LITTELFUSE-0213200P Datasheet
284Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com