Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15KP51A Datasheet(PDF) 3 Page - Protek Devices

Part # 15KP51A
Description  15kW power tvs component
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

15KP51A Datasheet(HTML) 3 Page - Protek Devices

  15KP51A Datasheet HTML 1Page - Protek Devices 15KP51A Datasheet HTML 2Page - Protek Devices 15KP51A Datasheet HTML 3Page - Protek Devices 15KP51A Datasheet HTML 4Page - Protek Devices 15KP51A Datasheet HTML 5Page - Protek Devices 15KP51A Datasheet HTML 6Page - Protek Devices 15KP51A Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05023.R11 9/12
Page 3
15KP17A - 15KP280A
tyPicAl Device chARActeRistics
electRicAl chARActeRistics PeR line @ 25°c unless otherwise specified
PARt
numBeR
(notes 1 - 2)
RAteD
stAnD-oFF
voltAge
v
Wm
volts
BReAKDoWn
voltAge
mAXimum
leAKAge
cuRRent
@v
Wm
i
D
µA
mAXimum
clAmPing
voltAge
(Fig. 2)
@ 10/1000µs
v
c @ iPP
temPeRAtuRe
coeFFicient
oF v
(BR)
qv
(BR)
mv/°c
min
v
(BR)
volts
@i
t
mA
15KP48
48.0
53.3
5
10
85.9V @ 175.0A
62
15KP48A
48.0
53.3
5
10
77.7V @ 193.0A
56
15KP51
51.0
56.7
5
10
91.5V @ 164.0A
66
15KP51A
51.0
56.7
5
10
82.8V @ 181.0A
60
15KP54
54.0
60.0
5
10
96.8V @ 155.0A
70
15KP54A
54.0
60.0
5
10
87.5V @ 171.0A
63
15KP58
58.0
64.4
5
10
104.0V @ 144.0A
76
15KP58A
58.0
64.4
5
10
94.0V @ 160.0A
68
15KP60
60.0
66.7
5
10
107.0V @ 140.0A
78
15KP60A
60.0
66.7
5
10
97.3V @ 154.0A
71
15KP64
64.0
71.1
5
10
115.0V @ 130.0A
84
15KP64A
64.0
71.1
5
10
104.0V @ 144.0A
76
15KP70
70.0
77.8
5
10
126.0V @ 119.0A
92
15KP70A
70.0
77.8
5
10
114.0V @ 132.0A
83
15KP75
75.0
83.3
5
10
135.0V @ 111.0A
100
15KP75A
75.0
83.3
5
10
122.0V @ 123.0A
89
15KP78
78.0
86.7
5
10
140.0V @ 107.0A
104
15KP78A
78.0
86.7
5
10
126.0V @ 119.0A
93
15KP85
85.0
94.4
5
10
152.0V @ 99.0A
113
15KP85A
85.0
94.4
5
10
137.0V @ 109.0A
102
15KP90
90.0
100.0
5
10
160.0V @ 94.0A
120
15KP90A
90.0
100.0
5
10
146.0V @ 103.0A
109
15KP100
100.0
111.0
5
10
179.0V @ 84.0A
134
15KP100A
100.0
111.0
5
10
162.0V @ 93.0A
121
15KP110
110.0
122.0
5
10
196.0V @ 77.0A
147
15KP110A
110.0
122.0
5
10
178.0V @ 84.0A
133
15KP120
120.0
133.0
5
10
214.0V @ 70.0A
161
15KP120A
120.0
133.0
5
10
193.0V @ 78.0A
145
15KP130
130.0
144.0
5
10
231.0V @ 65.0A
174
15KP130A
130.0
144.0
5
10
209.0V @ 72.0A
157
15KP150
150.0
167.0
5
10
268.0V @ 56.0A
202
15KP150A
150.0
167.0
5
10
243.0V @ 62.0A
183
15KP160
160.0
178.0
5
10
287.0V @ 52.0A
216
15KP160A
160.0
178.0
5
10
259.0V @ 58.0A
195


Similar Part No. - 15KP51A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
15KP51A EIC-15KP51A Datasheet
42Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
15KP51A ETC2-15KP51A Datasheet
318Kb / 4P
   Transient Voltage Suppressor
logo
Microsemi Corporation
15KP51A MICROSEMI-15KP51A Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
SUNMATE electronic Co.,...
15KP51A SUNMATE-15KP51A Datasheet
83Kb / 3P
   15000 Watts Axial Leaded Transient Voltage Suppressor
logo
Littelfuse
15KP51A LITTELFUSE-15KP51A Datasheet
101Kb / 3P
   Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
More results

Similar Description - 15KP51A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P15KP17 PROTEC-P15KP17_12 Datasheet
427Kb / 7P
   15kW POWER TVS COMPONENT
P15KP17 PROTEC-P15KP17_15 Datasheet
308Kb / 7P
   15kW POWER TVS COMPONENT
15KP17A PROTEC-15KP17A_10 Datasheet
552Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_10 Datasheet
420Kb / 7P
   15kW power tvs component
P15KP17 PROTEC-P15KP17 Datasheet
424Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_12 Datasheet
422Kb / 7P
   15kW power tvs component
PAM16AL30A PROTEC-PAM16AL30A Datasheet
383Kb / 5P
   15kW POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A_15 Datasheet
370Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17AN PROTEC-SM15KPA17AN Datasheet
412Kb / 7P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A Datasheet
450Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com