Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0215.800MXP Datasheet(PDF) 3 Page - Littelfuse

Part # 0215.800MXP
Description  215 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0215.800MXP Datasheet(HTML) 3 Page - Littelfuse

  0215.800MXP Datasheet HTML 1Page - Littelfuse 0215.800MXP Datasheet HTML 2Page - Littelfuse 0215.800MXP Datasheet HTML 3Page - Littelfuse 0215.800MXP Datasheet HTML 4Page - Littelfuse 0215.800MXP Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
215 Series
5×20 mm > Time-Lag > 215 Series
Please refer to www.littelfuse.com/series/215.html for current information.
Average Time Current Curves
100
1000
10000
10
1
0.1
0.01
0.001
0.1
1
10
100
1000
CURRENT IN AMPERES
T-C Curves for 125mA to 800mA only
T-C Curves for 1A to 20A only
100
1000
10000
10
0.1
0.01
0.001
0.1
1
10
100
1000
CURRENT IN AMPERES
Materials
Body: Ceramic
Cap:
Leads: Tin–plated Copper
Terminal Strength
Condition A
Solderability
Reference IEC 60127 Second Edition
2003-01 Annex A
Product Marking
Cap 1: Brand logo, current and voltage
ratings
Cap 2:
Product Characteristics
Operating Temperature
–55ºC to +125ºC
Thermal Shock
Condition B (5 cycles, –65ºC to
+125ºC)
Vibration
Humidity
elevated temp (40ºC) for 240 hours)
Salt Spray
Condition B


Similar Part No. - 0215.800MXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0215.800MXE LITTELFUSE-0215.800MXE Datasheet
125Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
More results

Similar Description - 0215.800MXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0215-315MXP LITTELFUSE-0215-315MXP Datasheet
1Mb / 4P
   215 Series, 5횞20 mm, Time-Lag (Slo-Blo짰) Fuse
0218.032HXP LITTELFUSE-0218.032HXP Datasheet
347Kb / 4P
   218 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
0201YA1R2CAQ2A LITTELFUSE-0201YA1R2CAQ2A Datasheet
329Kb / 3P
   213 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
221 LITTELFUSE-221 Datasheet
94Kb / 1P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse) 215/221 Series
239 LITTELFUSE-239_1 Datasheet
177Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
218032 LITTELFUSE-218032 Datasheet
216Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
239P LITTELFUSE-239P Datasheet
235Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
215200 LITTELFUSE-215200 Datasheet
163Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
215125P LITTELFUSE-215125P Datasheet
250Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
0213200P LITTELFUSE-0213200P Datasheet
284Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com