Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7SG17FE Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7SG17FE
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SG17FE Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7SG17FE_09 Datasheet HTML 1Page - Toshiba Semiconductor TC7SG17FE_09 Datasheet HTML 2Page - Toshiba Semiconductor TC7SG17FE_09 Datasheet HTML 3Page - Toshiba Semiconductor TC7SG17FE_09 Datasheet HTML 4Page - Toshiba Semiconductor TC7SG17FE_09 Datasheet HTML 5Page - Toshiba Semiconductor TC7SG17FE_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TC7SG17FE
2009-09-18
3
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40 to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
0.9
0.73
0.80
1.1
0.86
0.93
1.4
1.07
1.12
1.65
1.23
1.25
2.3
1.66
1.68
Positive
threshold
voltage
VP
3.0
2.14
2.15
0.9
0.18
0.07
1.1
0.26
0.18
1.4
0.36
0.31
1.65
0.45
0.41
2.3
0.69
0.64
Threshold
voltage
Negative
threshold
voltage
VN
3.0
0.96
0.91
V
0.9
0.20
0.38
0.15
0.53
1.1
0.25
0.41
0.21
0.53
1.4
0.35
0.48
0.34
0.57
1.65
0.42
0.56
0.40
0.60
2.3
0.60
0.74
0.60
0.76
Hysteresis voltage
VH
3.0
0.79
0.93
0.79
0.94
V
IOH =−0.02 mA
0.9
0.75
0.75
IOH = −0.3 mA
1.1 to 1.3
VCC
× 0.75
VCC
× 0.75
IOH = −1.7 mA
1.4 to 1.6
VCC
× 0.75
VCC
× 0.75
IOH = −3.0 mA
1.65 to
1.95
VCC
-0.45
VCC
-0.45
IOH = −4.0 mA
2.3 to 2.7
2.0
2.0
High level
VOH
VIN = VIH
IOH = −8.0 mA
3.0 to 3.6
2.48
2.48
IOL = 0.02 mA
0.9
0.1
0.1
IOL = 0.3 mA
1.1 to 1.3
VCC
× 0.25
VCC
× 0.25
IOL = 1.7 mA
1.4 to 1.6
VCC
× 0.25
VCC
× 0.25
IOL = 3.0 mA
1.65 to
1.95
0.45
0.45
IOL = 4.0 mA
2.3 to 2.7
0.4
0.4
Output voltage
Low level
VOL
VIN = VIL
IOL = 8.0 mA
3.0 to 3.6
0.4
0.4
V
Input leakage current
IIN
VIN = 0 to 5.5V
0 to 3.6
±0.1
±1.0
μA
Power off leakage current
IOFF
VIN = 0 to 5.5V
VOUT = 0 to 3.6V
0
1.0
10.0
μA
Quiescent supply current
ICC
VIN = VCC or GND
3.6
1.0
10.0
μΑ


Similar Part No. - TC7SG17FE_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SG17FE TOSHIBA-TC7SG17FE Datasheet
147Kb / 6P
   Schmitt Buffer
More results

Similar Description - TC7SG17FE_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com