Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15KP24A Datasheet(PDF) 5 Page - Protek Devices

Part # 15KP24A
Description  15kW power tvs component
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

15KP24A Datasheet(HTML) 5 Page - Protek Devices

  15KP24A Datasheet HTML 1Page - Protek Devices 15KP24A Datasheet HTML 2Page - Protek Devices 15KP24A Datasheet HTML 3Page - Protek Devices 15KP24A Datasheet HTML 4Page - Protek Devices 15KP24A Datasheet HTML 5Page - Protek Devices 15KP24A Datasheet HTML 6Page - Protek Devices 15KP24A Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05023.R11 9/12
Page 5
15KP17A - 15KP280A
tyPicAl Device chARActeRistics
FiguRe 1
PeAK Pulse PoWeR vs Pulse time
t
d - Pulse Duration - µs
15kW, 10/1000µs
Waveform
0.1
1
10
100
1,000
10,000
100,000
1
10
100
1,000
Peak Pulse Power
10/1000µs
FiguRe 3
PoWeR DeRAting cuRve
t
l - lead temperature - °c
0
25
50
75
100
125
150
0
20
40
60
80
100
FiguRe 2
Pulse WAveFoRm
t
f
Peak Value I
PP
TEST
WAVEFORM
PARAMETERS
t
f = 10µs
t
d = 1000µs
t
d = t/(IPP/2)
e-t
0
1
2
3
t - time - ms
0
50
100


Similar Part No. - 15KP24A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
15KP24A EIC-15KP24A Datasheet
42Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
15KP24A SUNMATE-15KP24A Datasheet
83Kb / 3P
   15000 Watts Axial Leaded Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
15KP24A NJSEMI-15KP24A Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP24A NJSEMI-15KP24A Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP24A NJSEMI-15KP24A Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 15KP24A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P15KP17 PROTEC-P15KP17_12 Datasheet
427Kb / 7P
   15kW POWER TVS COMPONENT
P15KP17 PROTEC-P15KP17_15 Datasheet
308Kb / 7P
   15kW POWER TVS COMPONENT
15KP17A PROTEC-15KP17A_10 Datasheet
552Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_10 Datasheet
420Kb / 7P
   15kW power tvs component
P15KP17 PROTEC-P15KP17 Datasheet
424Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_12 Datasheet
422Kb / 7P
   15kW power tvs component
PAM16AL30A PROTEC-PAM16AL30A Datasheet
383Kb / 5P
   15kW POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A_15 Datasheet
370Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17AN PROTEC-SM15KPA17AN Datasheet
412Kb / 7P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A Datasheet
450Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com