Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGD712 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BGD712
Description  RF Manual 16th edition
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGD712 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BGD712 Datasheet HTML 4Page - NXP Semiconductors BGD712 Datasheet HTML 5Page - NXP Semiconductors BGD712 Datasheet HTML 6Page - NXP Semiconductors BGD712 Datasheet HTML 7Page - NXP Semiconductors BGD712 Datasheet HTML 8Page - NXP Semiconductors BGD712 Datasheet HTML 9Page - NXP Semiconductors BGD712 Datasheet HTML 10Page - NXP Semiconductors BGD712 Datasheet HTML 11Page - NXP Semiconductors BGD712 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 130 page
background image
9
NXP Semiconductors RF Manual 16th edition
1. Products by application
1.1 Wireless communication infrastructure
The block diagram above shows transmit (upper part, Tx) and receive (lower part, Rx) functions of a base station, and includes the Tx feedback function (middle part, Tx feedback).
The signals generated in the "Digital Baseband & Control" block follow the requirements of the air-interface standard. These signals are interfaced to the DAC via
serial interface SER. The SER can use the LVDS or JEDEC standard. After the signals are fed to the I-DAC and Q-DAC, they are converted to the analog domain.
Before the I and Q signals enter the IQ modulator, they are first low-pass filtered to remove any aliasing signals. At the IQ modulator, the signals are up-converted to
RF using an LO signal coming from the PLL/VCO device, typically called the LO generator. Due to device aging and variation in cell load, the up-converted signals
are fed to the VGA to control the power level. An additional band-pass filter is needed to remove the out-of-band spurs. The clean signal is fed to the RF power
board, where the desired transmit power is made. Finally, the RF power signal is fed to the antenna via a duplexer.
Directly after the final-stage amplifier, a signal coupler picks up a certain amount of the RF signal, which is attenuated and then down-mixed using the IF mixer.
This signal is called the observation signal, and is used to derive coefficients for the digital pre-distortion algorithm. Since power levels vary, the observation is first
fed to the VGA to control the power level, and after band-pass filtering, the signal is converted to the digital domain using an ADC. The same serial interface is used
to send the digital signals to the baseband processor.
At the receiver, the received signal directly after the duplexer is fed to the LNA for direct amplification, since the received signal level is quite low. If the first LNA
is mounted in the tower top, a long RF cable is used to interface the RF signals with a base transceiver station (BTS). A second LNA is used to amplify the received
signals. Band-pass filtering is applied to reduce the out-of-band signals levels before these signals are applied to the IF mixer. Signal levels that change dramatically
require a VGA to maintain the full scale ranges of the I-ADC and Q-ADC for optimal conversion performance. Low-pass filtering is used before the ADC to remove
the aliasing signals. These digital signals are interfaced to the baseband using a serial interface such as JEDEC.
The sample clocks and LO signals are derived from clock cleaners and PLLs respectively. This is denoted as Clock and PLL / VCO in the block diagram. This set-up
is required to make a synchronized system. Typically denoted in SNRs, and in order to improve reception quality, the receive function is equipped with a second
receiver, called a diversity receiver.
ADC
PLL
VCO
DVGA
Att.
LO
Dual
DVGA
Transmitter
Dual
DAC
Dual
Mixer
0
90
PLL
VCO
LNA
BP or LP
IF-SAW
RF-SAW
MPA
HPA
Dual
ADC
JEDEC
IF
IQ-Modulator
I
Q
RF-BP
IF-SAW
Power Amplifier
RX2
TX / RX1
Digital
Front
End
DPD
CFR
DUC
DDC
Micro Controller
Clock
Generator
Jitter Cleaner
Tower -
Mounted
Amplifier
µC
Filter Unit
LNA +VGA
DVGA Mixer+LO
Data Converter
RF Small Signal
RF Power
LNA+VGA
Tx
Rx
1.1.1 Base stations (all cellular standards and frequencies)
See also brochure: 'Your partner in Mobile Communication Infrastructure design', NXP document number 9397 750 16837.
Application diagram


Similar Part No. - BGD712

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD712 PHILIPS-BGD712 Datasheet
55Kb / 8P
   CATV amplifier module
2000 Jan 13
logo
Quanzhou Jinmei Electro...
BGD712 JMNIC-BGD712 Datasheet
64Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD712C PHILIPS-BGD712C Datasheet
47Kb / 7P
   750 MHz, 18 dB gain push-pull amplifier
Rev. 01-2 May 2006
BGD712C NXP-BGD712C Datasheet
47Kb / 7P
   750 MHz, 18.5 dB gain power doubler amplifier
Rev. 02-16 August 2007
BGD712C NXP-BGD712C Datasheet
208Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
Rev. 3-29 September 2010
More results

Similar Description - BGD712

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP70AM PHILIPS-BAP70AM Datasheet
1Mb / 8P
   RF Manual 7th edition
Rev. 2-7 September 2010
logo
Motorola, Inc
M68000 MOTOROLA-M68000_1 Datasheet
7Mb / 224P
   Microprocessor User Manual Ninth Edition
MC68EC000EI8 MOTOROLA-MC68EC000EI8 Datasheet
7Mb / 224P
   MICROPROCESSOR USERS MANUAL NINTH EDITION
logo
List of Unclassifed Man...
JEDI ETC1-JEDI Datasheet
345Kb / 2P
   Seeed Studio Edition
logo
API Technologies Corp
3056 APITECH-3056 Datasheet
477Kb / 1P
   RF Manual Step Attenuator
logo
Delta Electronics, Inc.
FHS-A9020S01 DELTA-FHS-A9020S01 Datasheet
729Kb / 2P
   Extreme edition sequence
logo
Yantel Corporation
1333 YANTEL-1333 Datasheet
134Kb / 2P
   SMD RF Manual Tunable Inductor
2611 YANTEL-2611 Datasheet
142Kb / 2P
   SMD RF Manual Tunable Inductor
2616 YANTEL-2616 Datasheet
135Kb / 2P
   SMD RF Manual Tunable Inductor
2713 YANTEL-2713 Datasheet
182Kb / 2P
   SMD RF Manual Tunable Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com