Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0208.375DRT1P Datasheet(PDF) 1 Page - Littelfuse

Part # 0208.375DRT1P
Description  208 Series Lead-Free 2AG, Fast-Acting Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0208.375DRT1P Datasheet(HTML) 1 Page - Littelfuse

  0208.375DRT1P Datasheet HTML 1Page - Littelfuse 0208.375DRT1P Datasheet HTML 2Page - Littelfuse 0208.375DRT1P Datasheet HTML 3Page - Littelfuse 0208.375DRT1P Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
247
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
2AG > Fast-Acting > 208 Series
208 Series
Please refer to www.littelfuse.com/series/208.html for current information.
Agency
Agency File Number
Ampere Range
E10480
125mA - 10A
PS
E
NBK200405-E10480 C/D
NBK060405-E10480 E/F
1A - 5A
6A - 10A
125mA - 10A
208 Series Lead-Free 2AG, Fast-Acting Fuse
Littelfuse 208 Series (2AG) 350V Fast-Acting Fuses are
available in cartridge form or with axial leads. This series
provides the same performance characteristics as its 3AG
counterpart, while occupying one-third the space. Sleeved
fuses are available.
Agency Approvals
Features
Electrical Characteristics for Series
with Underwriter’s
Laboratories Standard
UL 248-14
and axial lead form
and with various lead
forming dimensions
Lead-free
Applications
% of Ampere
Rating
OpeningTime
100%
Min.
135%
Max.
200%
1 Second, Max.
Amp Code
Amp Rating
Voltage
Rating
Interrupting
Rating
Nominal Cold
Resistance
(Ohms)
Nominal
Melting
I2t (A2 sec)
Agency Approvals
PS
E
.125
0.125
350
100A @
350V AC
3.900
0.00286
x
x
.250
0.250
350
1.150
0.0300
x
x
.375
0.375
350
0.395
0.171
x
x
.500
0.500
350
0.265
0.365
x
x
.750
0.750
350
0.152
1.050
x
x
001.
1.0
350
0.103
2.220
x
x
x
01.5
1.5
350
0.0712
0.800
x
x
x
002.
2.0
350
0.0497
1.50
x
x
x
02.5
2.5
350
0.0372
2.68
x
x
x
003.
3.0
350
0.0317
4.62
x
x
x
03.5
3.5
350
0.0265
6.70
x
x
x
004.
4
350
0.0240
9.40
x
x
x
005.
5
350
0.0186
17.00
x
x
x
006.
6
350
0.0154
22.10
x
x
x
007.
7
350
0.0130
40
x
x
x
008.
8
350
0.0107
56
x
x
x
010.
10
350
0.0075
116
x
x
x
Electrical Characteristic Specifications by Item
applications
PS
E
Description
Revised: April 1, 2010


Similar Part No. - 0208.375DRT1P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0208.375MXEP LITTELFUSE-0208.375MXEP Datasheet
190Kb / 4P
   Axial Lead & Cartridge Fuses
More results

Similar Description - 0208.375DRT1P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2206 LITTELFUSE-2206 Datasheet
682Kb / 3P
   2206 Series, Lead-Free 2AG, Fast-Acting Fuse
225100 LITTELFUSE-225100_1 Datasheet
42Kb / 1P
   2AG Fast-Acting Fuse
0224.100DRT1P LITTELFUSE-0224.100DRT1P Datasheet
213Kb / 4P
   224/225 Series Lead-Free 2AG, Fast-Acting
02200003DRT1P LITTELFUSE-02200003DRT1P Datasheet
214Kb / 4P
   220 Series, Lead-Free 2AG Special Fuse
0479002.MXEP LITTELFUSE-0479002.MXEP Datasheet
293Kb / 1P
   2AG FAST ACTING FUSE WITH WELDED LEADS 1000 PACK
2205 LITTELFUSE-2205 Datasheet
905Kb / 3P
   2205 Series, Lead-Free 2AG, Slo-Blo짰 Fuse
0314.125HXP LITTELFUSE-0314.125HXP Datasheet
191Kb / 3P
   314/324 Series Lead-free 3AB, Fast-acting Fuse
0312.010V LITTELFUSE-0312.010V Datasheet
197Kb / 4P
   312/318 Series Lead-Free 3AG, Fast-Acting Fuse
047902.5MXEP LITTELFUSE-047902.5MXEP Datasheet
293Kb / 1P
   2AG FAST ACTING FUSE WITH WELDED LEADS 1000 PACK
0479004.MXEP LITTELFUSE-0479004.MXEP Datasheet
293Kb / 1P
   2AG FAST ACTING FUSE WITH WELDED LEADS 1000 PACK
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com