Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0203002.URG Datasheet(PDF) 3 Page - Littelfuse

Part # 0203002.URG
Description  203 Series Fuse
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0203002.URG Datasheet(HTML) 3 Page - Littelfuse

  0203002.URG Datasheet HTML 1Page - Littelfuse 0203002.URG Datasheet HTML 2Page - Littelfuse 0203002.URG Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
121
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
203 Series
FLAT-PAK® Slo-Blo® Fuse > 203 Series
Please refer to www.littelfuse.com/series/203.html for current information.
Materials
Body: Thermoplastic
Terminations: Tin/Lead Plated Copper
Solderability
MIL-STD-202, Method 208
Product Characteristics
Cleaning
Board washable in most common
solvents
Operating Temperature
–55OC to 125OC
9.45
(.372")
6.35
(.250")
4.19
(.165")
0.53
(.021")
10.16
(.400")
.135"
0.30 (.012")
6
o
202 FLAT- PAK
LF
F 2A
250 V
PAT 4563666
DIP Configuration
(Thru-Hole) Mounting
9.45
(.372")
6.35
(.250")
4.19
(.165")
202GFLAT- PAK
LF
F 2A
250 V
PAT 4563666
SMF Configuration
("Gull Wing" Surface Mount)
1.52
(.060")
0.08 (.003")
1.40 (.055")
15.24 (.600")
17.12 (.674)
4.06 (.160)
11.53 (.454)
2.79 (.110)
Recommended Pad Layout
Dimensions
Part Numbering System
0203 002. HXG
Series
Amp Code
Refer to Amp Code column of
Electrical Characteristics Table
Quantity Code
HXG = 100
URG = 500
0203 002. H
Series
Amp Code
Refer to Amp Code column of
Electrical Characteristics Table
Quantity Code
H = 100
Surface Mount Fuses:
Through Hole Fuses:
Packaging
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
Surface Mount Fuses
Bulk
100
HXG
24mm Tape and Reel
EIA 481 (IEC60286, part 3)
500
URG
Through Hole Fuses
Antistatic Magazine
100
H


Similar Part No. - 0203002.URG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
020301.5H LITTELFUSE-020301.5H Datasheet
162Kb / 3P
   Surface Mount Fuses FLAT-PAK짰 Fast-Acting Fuse > 202 Series
020301.5HXG LITTELFUSE-020301.5HXG Datasheet
162Kb / 3P
   Surface Mount Fuses FLAT-PAK짰 Fast-Acting Fuse > 202 Series
020301.5URG LITTELFUSE-020301.5URG Datasheet
162Kb / 3P
   Surface Mount Fuses FLAT-PAK짰 Fast-Acting Fuse > 202 Series
020302.5H LITTELFUSE-020302.5H Datasheet
162Kb / 3P
   Surface Mount Fuses FLAT-PAK짰 Fast-Acting Fuse > 202 Series
020302.5HXG LITTELFUSE-020302.5HXG Datasheet
162Kb / 3P
   Surface Mount Fuses FLAT-PAK짰 Fast-Acting Fuse > 202 Series
More results

Similar Description - 0203002.URG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC35661DBG-203 TOSHIBA-TC35661DBG-203 Datasheet
833Kb / 63P
   TC35661SBG/DBG-203 Bluetooth® IC ROM Profile Series
2017-02-22 Rev 1.02
TC35661IDBG-203 TOSHIBA-TC35661IDBG-203 Datasheet
801Kb / 61P
   TC35661IDBG-203 Bluetooth® IC ROM Profile Series
2017-02-22 Rev. 1.0
logo
Littelfuse
SPFJ125 LITTELFUSE-SPFJ125 Datasheet
880Kb / 6P
   SPFJ SERIES FUSE
SPNH200.X LITTELFUSE-SPNH200.X Datasheet
815Kb / 11P
   POWR-GARD? Fuse Datasheet SPNH SERIES SOLAR FUSE
Rev: 2-B-083021
logo
List of Unclassifed Man...
MA203AAB035 ETC2-MA203AAB035 Datasheet
1Mb / 10P
   MA.203 Stingray GPS/Cellular Adhesive Antenna
logo
Bel Fuse Inc.
3AG BEL-3AG Datasheet
402Kb / 2P
   Fast Blow Fuse Series
5MT BEL-5MT_13 Datasheet
1Mb / 4P
   MEDIUM BLOW FUSE SERIES
logo
Littelfuse
SPXV006.T LITTELFUSE-SPXV006.T Datasheet
317Kb / 3P
   SPXV SERIES SOLAR FUSE
logo
Bel Fuse Inc.
GSA63 BEL-GSA63 Datasheet
90Kb / 2P
   Slow Blow Fuse Series
5MT BEL-5MT Datasheet
94Kb / 2P
   Medium Blow Fuse Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com