Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VV-701 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # VV-701
Description  Voltage Controlled Crystal Oscillator Previous Vectron Model VVC1/VVC2
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VV-701 Datasheet(HTML) 4 Page - Vectron International, Inc

  VV-701_12 Datasheet HTML 1Page - Vectron International, Inc VV-701_12 Datasheet HTML 2Page - Vectron International, Inc VV-701_12 Datasheet HTML 3Page - Vectron International, Inc VV-701_12 Datasheet HTML 4Page - Vectron International, Inc VV-701_12 Datasheet HTML 5Page - Vectron International, Inc VV-701_12 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Reliability
VI qualification includes aging at various extreme temperatures, shock and vibration, temperature cycling, and IR reflow
simulation. The VV-701 family is capable of meeting the following qualification tests:
Table 3. Environmental Compliance
Parameter
Conditions
Mechanical Shock
MIL-STD-883, Method 2002
Mechanical Vibration
MIL-STD-883, Method 2007
Solderability
MIL-STD-883, Method 2003
Gross and Fine Leak
MIL-STD-883, Method 1014
Resistance to Solvents
MIL-STD-883, Method 2015
Moisture Sensitivity Level
MSL 1
Contact Pads
Gold over Nickel
Handling Precautions
Table 4. ESD Ratings
Model
Minimum
Conditions
Human Body Model
500V
MIL-STD-883, Method 3015
Charged Device Model
500V
JESD22-C101
Table 5. Reflow Profile
Parameter
Symbol
Value
PreHeat Time
Ts-min
Ts-max
t
S
60 sec Min, 180 sec Max
150°C
200°C
Ramp Up
R
UP
3 °C/sec Max
Time Above 217 °C
t
L
60 sec Min, 150 sec Max
Time To Peak Temperature
T
25C to peak
480 sec Max
Time at 260 °C
t
P
20 sec Min, 40 sec Max
Ramp Down
R
DN
6 °C/sec Max
Although ESD protection circuitry has been designed into the VV-701 proper precautions should be taken when handling and
mounting. VI employs a human body model (HBM) and a charged device model (CDM) for ESD susceptibility testing and design
protection evaluation.
The device is qualified to meet the JEDEC
standard for Pb-Free assembly. The
temperatures and time intervals listed are
based on the Pb-Free small body requirements.
The VV-701 device is hermetically sealed so an
aqueous wash is not an issue.
Termination Plating:
Electroless Gold Plate over Nickel Plate
Page4
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com


Similar Part No. - VV-701_12

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VV-701-DAE-KEAB VECTRON-VV-701-DAE-KEAB Datasheet
197Kb / 6P
   Voltage Controlled Crystal Oscillator
VV-701-DAE-PEAB VECTRON-VV-701-DAE-PEAB Datasheet
197Kb / 6P
   Voltage Controlled Crystal Oscillator
VV-701-DAT-KEAB VECTRON-VV-701-DAT-KEAB Datasheet
197Kb / 6P
   Voltage Controlled Crystal Oscillator
VV-701-DAT-PEAB VECTRON-VV-701-DAT-PEAB Datasheet
197Kb / 6P
   Voltage Controlled Crystal Oscillator
VV-701-DAT-SEAB VECTRON-VV-701-DAT-SEAB Datasheet
197Kb / 6P
   Voltage Controlled Crystal Oscillator
More results

Similar Description - VV-701_12

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VV-800 VECTRON-VV-800_12 Datasheet
199Kb / 6P
   Voltage Controlled Crystal Oscillator Previous Vectron Model VVC4
VX-700 VECTRON-VX-700_12 Datasheet
352Kb / 6P
   Voltage Controlled Crystal Oscillator Previous Vectron Model VC-710
VX-702 VECTRON-VX-702_12 Datasheet
361Kb / 6P
   Voltage Controlled Crystal Oscillator Previous Vectron Model VC-715
VT-800 VECTRON-VT-800_14 Datasheet
638Kb / 5P
   Temperature Compensated Crystal Oscillator Previous Vectron Model VTC4
VT-800 VECTRON-VT-800_17 Datasheet
532Kb / 5P
   Temperature Compensated Crystal Oscillator Previous Vectron Model VTC4
VT-820 VECTRON-VT-820_14 Datasheet
603Kb / 6P
   Temperature Compensated Crystal Oscillator Previous Vectron Model VTM3
VT-501 VECTRON-VT-501_14 Datasheet
707Kb / 6P
   Temperature Compensated Crystal Oscillator Previous Vectron Model VTD3
VT-700 VECTRON-VT-700_14 Datasheet
830Kb / 6P
   Temperature Compensated Crystal Oscillator Previous Vectron Model VTC1
VT-701 VECTRON-VT-701_17 Datasheet
395Kb / 5P
   Temperature Compensated Crystal Oscillator Previous Vectron Model VTC2
VT-490 VECTRON-VT-490 Datasheet
306Kb / 5P
   Temperature Compensated Crystal Oscillator Previous Vectron Model OSC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com