Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3218N Datasheet(PDF) 10 Page - Sony Corporation

Part # CXA3218N
Description  FM Demodulator for BS/CS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3218N Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXA3218N Datasheet HTML 6Page - Sony Corporation CXA3218N Datasheet HTML 7Page - Sony Corporation CXA3218N Datasheet HTML 8Page - Sony Corporation CXA3218N Datasheet HTML 9Page - Sony Corporation CXA3218N Datasheet HTML 10Page - Sony Corporation CXA3218N Datasheet HTML 11Page - Sony Corporation CXA3218N Datasheet HTML 12Page - Sony Corporation CXA3218N Datasheet HTML 13Page - Sony Corporation CXA3218N Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
—10—
CXA3218N
(2) FM demodulation circuit
The FM demodulation circuit is a PLL demodulator which consists of an oscillator (OSC.), phase
discriminator and DCAMP. The oscillator resonance circuit is connected to OSCB1 to OSCB2 (Pins 19 to
22) and the loop filter to LPFN (Pin 23) and LPFP (Pin 24). The DCAMP differential output comes from
VCODR2 (Pin 16) and VCODR1 (Pin 17), and this output is used as the drive voltage for the varicap that
comprises the oscillator.
(3) Detection signal amplification circuit
The signal which is detected by the FM demodulation circuit is amplified at DETAMP circuit and then
output from DETOUT (Pin 7). The gain of this amplification circuit can be adjusted by the voltage applied
to GCONT (Pin 9).
(4) AFT circuit
The AFT circuit detects the frequency error in the 2nd IF signal as a voltage displacement from the FM
demodulation signal input to the AFT block, and outputs the two values of High (5 V) or Low (0 V) from
AFTDWN (Pin 10) and AFTUP (Pin 11). High indicates the frequency change command (active-High).
Furthermore, the High output from both pins indicates the dead zone. The LPF capacitor is connected to
ANA (Pin 12) and the keyed pulse for the keyed AFT is input to KEYEDIN (Pin 13). The KEYEDIN (Pin 13)
voltage should be 0 V during mean AFT value. The sample-and-hold capacitors are connected to SH2
(Pin 14) and SH1 (Pin 15).
Apply the offset adjustment voltage to OFFSET (Pin 6) to cancel the effects of the DC offset in the IC.
(5) Other
A capacitor is connected to eliminate the regulator voltage noise to VREG (Pin 8), and use this output as
the reference voltage for internal adjustment.


Similar Part No. - CXA3218N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3219M SONY-CXA3219M Datasheet
205Kb / 15P
   UHF-Band RF Modulator for VCR
More results

Similar Description - CXA3218N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8946SB PANASONIC-AN8946SB Datasheet
86Kb / 10P
   FM demodulation IC for BS/CS broadcasting
logo
Sanyo Semicon Device
LV5636VH SANYO-LV5636VH Datasheet
227Kb / 8P
   For BS/CS antennas DC/DC converter
logo
Renesas Technology Corp
HVC316 RENESAS-HVC316 Datasheet
154Kb / 5P
   Variable Capacitance Diode for BS/CS tuner
logo
Toshiba Semiconductor
TA4303F TOSHIBA-TA4303F_07 Datasheet
573Kb / 10P
   Down Converter for BS/CS Tuner IC
logo
Renesas Technology Corp
M62260FP RENESAS-M62260FP Datasheet
2Mb / 7P
   CS/BS CONVERTER DRIVER IC
HVU316 RENESAS-HVU316 Datasheet
144Kb / 5P
   Variable Capacitance Diode for BS/CS tuner
HVD316 RENESAS-HVD316 Datasheet
61Kb / 5P
   Variable Capacitance Diode for BS/CS tuner
logo
Toshiba Semiconductor
TA4303F TOSHIBA-TA4303F Datasheet
247Kb / 9P
   DOWN COVERTER FOR BS/CS TUNER IC
logo
Hitachi Semiconductor
HVU316 HITACHI-HVU316 Datasheet
27Kb / 5P
   Variable Capacitance Diode for BS/CS tuner
logo
Sanyo Semicon Device
LV5636VG SANYO-LV5636VG Datasheet
227Kb / 8P
   For BS/CS antennas DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com