Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-80APF1.-M3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VS-80APF1.-M3
Description  Fast Soft Recovery Rectifier Diode, 80A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-80APF1.-M3 Datasheet(HTML) 6 Page - Vishay Siliconix

  VS-80APF1.-M3 Datasheet HTML 1Page - Vishay Siliconix VS-80APF1.-M3 Datasheet HTML 2Page - Vishay Siliconix VS-80APF1.-M3 Datasheet HTML 3Page - Vishay Siliconix VS-80APF1.-M3 Datasheet HTML 4Page - Vishay Siliconix VS-80APF1.-M3 Datasheet HTML 5Page - Vishay Siliconix VS-80APF1.-M3 Datasheet HTML 6Page - Vishay Siliconix VS-80APF1.-M3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
VS-80APF1.PbF Series, VS-80APF1.-M3 Series
www.vishay.com
Vishay Semiconductors
Revision: 20-Oct-11
6
Document Number: 93725
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION TABLE
ORDERING INFORMATION (Example)
PREFERRED P/N
QUANTITY PER T/R
MINIMUM ORDER QUANTITY
PACKAGING DESCRIPTION
VS-80APF10PbF
25
500
Antistatic plastic tubes
VS-80APF10-M3
25
500
Antistatic plastic tubes
VS-80APF12PbF
25
500
Antistatic plastic tubes
VS-80APF12-M3
25
500
Antistatic plastic tubes
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95223
Part marking information
TO-247AC PbF
www.vishay.com/doc?95226
TO-247AC -M3
www.vishay.com/doc?95007
10 = 1000 V
12 = 1200 V
2
-
Current rating (80 = 80 A)
1
-
Vishay Semiconductors product
3
-
Circuit configuration:
A = Single diode, 3 pins
4
-
Package:
P = TO-247AC
5
-
Type of silicon:
F = Fast recovery
6
-
Voltage code x 100 = VRRM
-
Environmental digit:
7
PbF = Lead (Pb)-free and RoHS compliant
-M3 = Halogen-free, RoHS compliant and terminations lead (Pb)-free
Device code
5
1
3
2
4
6
7
80
VS-
A
P
F
12
PbF


Similar Part No. - VS-80APF1.-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-80APF1-M3 VISHAY-VS-80APF1-M3 Datasheet
216Kb / 8P
   Fast Soft Recovery Rectifier Diode, 80 A
01-Jan-2022
VS-80APF10-M3 VISHAY-VS-80APF10-M3 Datasheet
206Kb / 8P
   Fast Soft Recovery Rectifier Diode, 80 A
Revision: 06-Feb-14
VS-80APF10PbF VISHAY-VS-80APF10PbF Datasheet
206Kb / 8P
   Fast Soft Recovery Rectifier Diode, 80 A
Revision: 06-Feb-14
VS-80APF12-M3 VISHAY-VS-80APF12-M3 Datasheet
206Kb / 8P
   Fast Soft Recovery Rectifier Diode, 80 A
Revision: 06-Feb-14
VS-80APF12PbF VISHAY-VS-80APF12PbF Datasheet
206Kb / 8P
   Fast Soft Recovery Rectifier Diode, 80 A
Revision: 06-Feb-14
More results

Similar Description - VS-80APF1.-M3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20ETF02 IRF-20ETF02 Datasheet
196Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
80EPF10 IRF-80EPF10 Datasheet
175Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
30EPF06PBF IRF-30EPF06PBF Datasheet
212Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF10FP IRF-10ETF10FP Datasheet
179Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF06SPBF IRF-10ETF06SPBF Datasheet
229Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETF02S ISC-10ETF02S Datasheet
265Kb / 2P
   Fast Soft Recovery Rectifier Diode
10ETF12 ISC-10ETF12 Datasheet
263Kb / 2P
   Fast Soft Recovery Rectifier Diode
logo
International Rectifier
60EPF06 IRF-60EPF06 Datasheet
149Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
85EPF IRF-85EPF Datasheet
144Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF02 IRF-10ETF02 Datasheet
217Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com