Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQJ980EP Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SQJ980EP
Description  Automotive Dual N-Channel 75 V (D-S) 175 °C MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ980EP Datasheet(HTML) 6 Page - Vishay Siliconix

  SQJ980EP Datasheet HTML 1Page - Vishay Siliconix SQJ980EP Datasheet HTML 2Page - Vishay Siliconix SQJ980EP Datasheet HTML 3Page - Vishay Siliconix SQJ980EP Datasheet HTML 4Page - Vishay Siliconix SQJ980EP Datasheet HTML 5Page - Vishay Siliconix SQJ980EP Datasheet HTML 6Page - Vishay Siliconix SQJ980EP Datasheet HTML 7Page - Vishay Siliconix SQJ980EP Datasheet HTML 8Page - Vishay Siliconix SQJ980EP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SQJ980EP
www.vishay.com
Vishay Siliconix
S11-2419-Rev. B, 19-Dec-11
6
Document Number: 67015
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Normalized Thermal Transient Impedance, Junction-to-Case
Note
• The characteristics shown in the two graphs
- Normalized Transient Thermal Impedance Junction-to-Ambient (25 °C)
- Normalized Transient Thermal Impedance Junction-to-Case (25 °C)
are given for general guidelines only to enable the user to get a “ball park” indication of part capabilities. The data are extracted from single
pulse transient thermal impedance characteristics which are developed from empirical measurements. The latter is valid for the part
mounted on printed circuit board - FR4, size 1" x 1" x 0.062", double sided with 2 oz. copper, 100 % on both sides. The part capabilities
can widely vary depending on actual application parameters and operating conditions.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?67015.
10-3
10-2
10-1
10-4
1
2
1
0.1
0.01
0.2
0.1
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
Pulse
Single
0.02
0.05


Similar Part No. - SQJ980EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ980AEP VISHAY-SQJ980AEP Datasheet
377Kb / 13P
   Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
Rev. A, 19-Oct-15
SQJ980AEP VISHAY-SQJ980AEP Datasheet
743Kb / 10P
   Automotive Dual N-Channel 75 V (D-S) 175 째C MOSFET
SQJ980AEP VISHAY-SQJ980AEP Datasheet
745Kb / 10P
   Automotive Dual N-Channel 75 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJ980AEP VISHAY-SQJ980AEP Datasheet
237Kb / 10P
   Automotive Dual N-Channel 75 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ980AEP-T1-GE3 VISHAY-SQJ980AEP-T1-GE3 Datasheet
745Kb / 10P
   Automotive Dual N-Channel 75 V (D-S) 175 째C MOSFET
01-Jan-2022
More results

Similar Description - SQJ980EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ980AEP VISHAY-SQJ980AEP_V02 Datasheet
237Kb / 10P
   Automotive Dual N-Channel 75 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ980AP VISHAY-SQJ980AP_15 Datasheet
739Kb / 11P
   Automotive Dual N-Channel 75 V (D-S) 175 °C MOSFET
Rev. A, 25-Mar-13
SQM120N08-05 VISHAY-SQM120N08-05 Datasheet
173Kb / 9P
   Automotive N-Channel 75 V (D-S) 175 °C MOSFET
Rev. C, 12-Dec-11
SQJ486EP VISHAY-SQJ486EP_15 Datasheet
237Kb / 12P
   Automotive N-Channel 75 V (D-S) 175 °C MOSFET
Rev. B, 14-Jul-14
SQJ486EP VISHAY-SQJ486EP Datasheet
223Kb / 10P
   Automotive N-Channel 75 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ980AP VISHAY-SQJ980AP Datasheet
743Kb / 10P
   Automotive Dual N-Channel 75 V (D-S) 175 째C MOSFET
SQJ980AEP VISHAY-SQJ980AEP Datasheet
745Kb / 10P
   Automotive Dual N-Channel 75 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJ960EP VISHAY-SQJ960EP Datasheet
159Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 24-Sep-12
SQJ970EP VISHAY-SQJ970EP Datasheet
156Kb / 9P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
Rev. C, 19-Dec-11
SQJ992EP VISHAY-SQJ992EP Datasheet
181Kb / 11P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 28-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com