Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQJ912EP Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SQJ912EP
Description  Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ912EP Datasheet(HTML) 5 Page - Vishay Siliconix

  SQJ912EP Datasheet HTML 1Page - Vishay Siliconix SQJ912EP Datasheet HTML 2Page - Vishay Siliconix SQJ912EP Datasheet HTML 3Page - Vishay Siliconix SQJ912EP Datasheet HTML 4Page - Vishay Siliconix SQJ912EP Datasheet HTML 5Page - Vishay Siliconix SQJ912EP Datasheet HTML 6Page - Vishay Siliconix SQJ912EP Datasheet HTML 7Page - Vishay Siliconix SQJ912EP Datasheet HTML 8Page - Vishay Siliconix SQJ912EP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SQJ912EP
www.vishay.com
Vishay Siliconix
S11-1960-Rev. A, 10-Oct-11
5
Document Number: 67330
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Safe Operating Area
Normalized Thermal Transient Impedance, Junction-to-Ambient
0.01
0.1
1
10
100
0.01
0.1
1
10
100
V
DS -Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
Limited by R
DS(on)*
1 ms
I
DM Limited
T
C = 25 °C
Single Pulse
BVDSS Limited
10 ms
100 ms, 1 s, 10 s, DC
I
D Limited
10- 3
10- 2
1
10
600
10- 1
10- 4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 85 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM


Similar Part No. - SQJ912EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ912AEP VISHAY-SQJ912AEP Datasheet
377Kb / 13P
   Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
Rev. A, 19-Oct-15
SQJ912AEP VISHAY-SQJ912AEP Datasheet
233Kb / 10P
   Automotive Dual N-Channel 40 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJ912AEP VISHAY-SQJ912AEP Datasheet
232Kb / 10P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ912AEP VISHAY-SQJ912AEP_15 Datasheet
175Kb / 11P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 30-Sep-13
SQJ912AEP VISHAY-SQJ912AEP_V01 Datasheet
233Kb / 10P
   Automotive Dual N-Channel 40 V (D-S) 175 째C MOSFET
01-Jan-2022
More results

Similar Description - SQJ912EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ970EP VISHAY-SQJ970EP Datasheet
156Kb / 9P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
Rev. C, 19-Dec-11
SQJQ904E VISHAY-SQJQ904E Datasheet
214Kb / 7P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 20-Feb-17
SQJB48EP VISHAY-SQJB48EP_V02 Datasheet
270Kb / 10P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4940AEY VISHAY-SQ4940AEY_V02 Datasheet
217Kb / 9P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJQ906EL VISHAY-SQJQ906EL Datasheet
243Kb / 7P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 05-Sep-16
SQJQ904E VISHAY-SQJQ904E_V02 Datasheet
266Kb / 10P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQS940ELNW VISHAY-SQS940ELNW_V01 Datasheet
204Kb / 6P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQS944ENW VISHAY-SQS944ENW_V02 Datasheet
597Kb / 11P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJB46ELP VISHAY-SQJB46ELP_V02 Datasheet
216Kb / 6P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJB04ELP VISHAY-SQJB04ELP_V02 Datasheet
271Kb / 9P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJB46EP VISHAY-SQJB46EP_V02 Datasheet
243Kb / 7P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com