Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQD50N06-07L Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SQD50N06-07L
Description  Automotive N-Channel 60 V (D-S) 175 째C MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQD50N06-07L Datasheet(HTML) 7 Page - Vishay Siliconix

  SQD50N06-07L Datasheet HTML 1Page - Vishay Siliconix SQD50N06-07L Datasheet HTML 2Page - Vishay Siliconix SQD50N06-07L Datasheet HTML 3Page - Vishay Siliconix SQD50N06-07L Datasheet HTML 4Page - Vishay Siliconix SQD50N06-07L Datasheet HTML 5Page - Vishay Siliconix SQD50N06-07L Datasheet HTML 6Page - Vishay Siliconix SQD50N06-07L Datasheet HTML 7Page - Vishay Siliconix SQD50N06-07L Datasheet HTML 8Page - Vishay Siliconix SQD50N06-07L Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 71197
www.vishay.com
18-Apr-11
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Package Information
Vishay Siliconix
TO-252AA CASE OUTLINE
Note
• Dimension L3 is for reference only.
b
b1
e1
E1
A1
C
A2
e
b2
E
C1
A
MILLIMETERS
INCHES
DIM.
MIN.
MAX.
MIN.
MAX.
A
2.21
2.38
0.087
0.094
A1
0.89
1.14
0.035
0.045
A2
0.030
0.127
0.001
0.005
b
0.71
0.88
0.028
0.035
b1
0.76
1.14
0.030
0.045
b2
5.23
5.44
0.206
0.214
C
0.46
0.58
0.018
0.023
C1
0.46
0.58
0.018
0.023
D
5.97
6.22
0.235
0.245
D1
4.10
4.45
0.161
0.175
E
6.48
6.73
0.255
0.265
E1
4.49
5.50
0.177
0.217
e
2.28 BSC
0.090 BSC
e1
4.57 BSC
0.180 BSC
H
9.65
10.41
0.380
0.410
L
1.40
1.78
0.055
0.070
L1
0.64
1.02
0.025
0.040
L2
0.89
1.27
0.035
0.050
L3
1.15
1.52
0.040
0.060
ECN: T11-0110-Rev. L, 18-Apr-11
DWG: 5347


Similar Part No. - SQD50N06-07L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SQD50N06-07L-GE3 VBSEMI-SQD50N06-07L-GE3 Datasheet
991Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - SQD50N06-07L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ7414AEN VISHAY-SQ7414AEN_15 Datasheet
613Kb / 15P
   Automotive N-Channel 60 V (D-S) 175 째C MOSFET
Rev. C, 17-Aug-15
SQJA16EP VISHAY-SQJA16EP Datasheet
179Kb / 6P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 15-Mar-2021
SQJQ466E VISHAY-SQJQ466E Datasheet
229Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 째C MOSFET
SQJQ160E VISHAY-SQJQ160E Datasheet
238Kb / 7P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 05-Apr-2021
SQP120N06-06 VISHAY-SQP120N06-06 Datasheet
154Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 10-Aug-15
SQ1464EEH VISHAY-SQ1464EEH_V01 Datasheet
222Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ2308CES VISHAY-SQ2308CES_V01 Datasheet
220Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
SQD97N06-6M3L VISHAY-SQD97N06-6M3L_V01 Datasheet
174Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
SQM50034EL VISHAY-SQM50034EL_V01 Datasheet
201Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com