Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ3456EV Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SQ3456EV
Description  Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ3456EV Datasheet(HTML) 2 Page - Vishay Siliconix

  SQ3456EV Datasheet HTML 1Page - Vishay Siliconix SQ3456EV Datasheet HTML 2Page - Vishay Siliconix SQ3456EV Datasheet HTML 3Page - Vishay Siliconix SQ3456EV Datasheet HTML 4Page - Vishay Siliconix SQ3456EV Datasheet HTML 5Page - Vishay Siliconix SQ3456EV Datasheet HTML 6Page - Vishay Siliconix SQ3456EV Datasheet HTML 7Page - Vishay Siliconix SQ3456EV Datasheet HTML 8Page - Vishay Siliconix SQ3456EV Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SQ3456EV
www.vishay.com
Vishay Siliconix
S12-0780-Rev. D, 16-Apr-12
2
Document Number: 65048
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0, ID = 250 μA
30
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
1.5
2.0
2.5
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = 30 V
--
1
μA
VGS = 0 V
VDS = 30 V, TJ = 125 °C
--
50
VGS = 0 V
VDS = 30 V, TJ = 175 °C
-
-
150
On-State Drain Currenta
ID(on)
VGS = 10 V
VDS5 V
10
-
-
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V
ID = 6 A
-
0.028
0.035
VGS = 4.5 V
ID = 4.9 A
-
0.038
0.052
Forward Transconductanceb
gfs
VDS = 15 V, ID = 5 A
-14
-
S
Dynamicb
Input Capacitance
Ciss
VGS = 0 V
VDS = 15 V, f = 1 MHz
-
514
640
pF
Output Capacitance
Coss
-
105
130
Reverse Transfer Capacitance
Crss
-47
60
Total Gate Chargec
Qg
VGS = 10 V
VDS = 15 V, ID = 5.1 A
-9.1
16
nC
Gate-Source Chargec
Qgs
-1.4
2.1
Gate-Drain Chargec
Qgd
-1.5
2.2
Gate Resistance
Rg
f = 1 MHz
1.4
2.8
4.2
Turn-On Delay Timec
td(on)
VDD = 15 V, RL = 3 
ID  5.1 A, VGEN = 10 V, Rg = 1 
-6
9
ns
Rise Timec
tr
-8
12
Turn-Off Delay Timec
td(off)
-10
15
Fall Timec
tf
-7
11
Source-Drain Diode Ratings and Characteristicsb
Pulsed Currenta
ISM
--
32
A
Forward Voltage
VSD
IF = 1.7 A, VGS = 0
-0.8
1.1
V


Similar Part No. - SQ3456EV

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SQ3456EV-T1-GE3 VBSEMI-SQ3456EV-T1-GE3 Datasheet
483Kb / 9P
   N-Channel 30 V (D-S) MOSFET
More results

Similar Description - SQ3456EV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM120N03-1M5L VISHAY-SQM120N03-1M5L Datasheet
173Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 13-Jun-11
SQ1470AEH VISHAY-SQ1470AEH Datasheet
296Kb / 13P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 17-Jun-15
SQJ840EP VISHAY-SQJ840EP Datasheet
152Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 28-Nov-11
SQM120N031M5L VISHAY-SQM120N031M5L_15 Datasheet
163Kb / 10P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 13-Jun-11
SQD100N03-3M2L VISHAY-SQD100N03-3M2L_15 Datasheet
160Kb / 10P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 04-Mar-13
SQM30010EL VISHAY-SQM30010EL_V02 Datasheet
196Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD100N03-3M4 VISHAY-SQD100N03-3M4_V02 Datasheet
161Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ1470AEH VISHAY-SQ1470AEH_V02 Datasheet
280Kb / 12P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ128ELP VISHAY-SQJ128ELP_V02 Datasheet
342Kb / 8P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3456BEV VISHAY-SQ3456BEV Datasheet
134Kb / 7P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 06-Jun-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com