Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPEWHT-L1-0000-00AF6 Datasheet(PDF) 6 Page - Cree, Inc

Part # XPEWHT-L1-0000-00AF6
Description  Cree짰 XLamp짰 XP Family LEDs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPEWHT-L1-0000-00AF6 Datasheet(HTML) 6 Page - Cree, Inc

Back Button XPEWHT-L1-0000-00AF6 Datasheet HTML 2Page - Cree, Inc XPEWHT-L1-0000-00AF6 Datasheet HTML 3Page - Cree, Inc XPEWHT-L1-0000-00AF6 Datasheet HTML 4Page - Cree, Inc XPEWHT-L1-0000-00AF6 Datasheet HTML 5Page - Cree, Inc XPEWHT-L1-0000-00AF6 Datasheet HTML 6Page - Cree, Inc XPEWHT-L1-0000-00AF6 Datasheet HTML 7Page - Cree, Inc XPEWHT-L1-0000-00AF6 Datasheet HTML 8Page - Cree, Inc XPEWHT-L1-0000-00AF6 Datasheet HTML 9Page - Cree, Inc XPEWHT-L1-0000-00AF6 Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
xlamp xp led binning & labeling
Copyright © 2008-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc. This document is provided for informational purposes only and is not a warranty or a specification. For product specifications, please see the data sheets
available at www.cree.com.
PerFormanCe grouPs – ChromaTiCiTy (ConTinueD)
region
x
y
region
x
y
region
x
y
region
x
y
5a1
0.3670
0.3578
5a2
0.3686
0.3649
5a3
0.3744
0.3685
5a4
0.3726
0.3612
0.3686
0.3649
0.3702
0.3722
0.3763
0.3760
0.3744
0.3685
0.3744
0.3685
0.3763
0.3760
0.3825
0.3798
0.3804
0.3721
0.3726
0.3612
0.3744
0.3685
0.3804
0.3721
0.3783
0.3646
5B1
0.3702
0.3722
5B2
0.3719
0.3797
5B3
0.3782
0.3837
5B4
0.3763
0.3760
0.3719
0.3797
0.3736
0.3874
0.3802
0.3916
0.3782
0.3837
0.3782
0.3837
0.3802
0.3916
0.3869
0.3958
0.3847
0.3877
0.3763
0.3760
0.3782
0.3837
0.3847
0.3877
0.3825
0.3798
5c1
0.3825
0.3798
5c2
0.3847
0.3877
5c3
0.3912
0.3917
5c4
0.3887
0.3836
0.3847
0.3877
0.3869
0.3958
0.3937
0.4001
0.3912
0.3917
0.3912
0.3917
0.3937
0.4001
0.4006
0.4044
0.3978
0.3958
0.3887
0.3836
0.3912
0.3917
0.3978
0.3958
0.3950
0.3875
5D1
0.3783
0.3646
5D2
0.3804
0.3721
5D3
0.3863
0.3758
5D4
0.3840
0.3681
0.3804
0.3721
0.3825
0.3798
0.3887
0.3836
0.3863
0.3758
0.3863
0.3758
0.3887
0.3836
0.3950
0.3875
0.3924
0.3794
0.3840
0.3681
0.3863
0.3758
0.3924
0.3794
0.3898
0.3716
5r
0.3670
0.3578
5S
0.3771
0.4034
5T
0.3916
0.4127
5U
0.3783
0.3646
0.3783
0.3646
0.3916
0.4127
0.4064
0.4221
0.3898
0.3716
0.3743
0.3502
0.3869
0.3958
0.4006
0.4044
0.3848
0.3565
0.3640
0.3440
0.3736
0.3874
0.3869
0.3958
0.3743
0.3502
6a1
0.3889
0.3690
6a2
0.3915
0.3768
6a3
0.3981
0.3800
6a4
0.3953
0.3720
0.3915
0.3768
0.3941
0.3848
0.4010
0.3882
0.3981
0.3800
0.3981
0.3800
0.4010
0.3882
0.4080
0.3916
0.4048
0.3832
0.3953
0.3720
0.3981
0.3800
0.4048
0.3832
0.4017
0.3751
6B1
0.3941
0.3848
6B2
0.3968
0.3930
6B3
0.4040
0.3966
6B4
0.4010
0.3882
0.3968
0.3930
0.3996
0.4015
0.4071
0.4052
0.4040
0.3966
0.4040
0.3966
0.4071
0.4052
0.4146
0.4089
0.4113
0.4001
0.4010
0.3882
0.4040
0.3966
0.4113
0.4001
0.4080
0.3916
6c1
0.4080
0.3916
6c2
0.4113
0.4001
6c3
0.4186
0.4037
6c4
0.4150
0.3950
0.4113
0.4001
0.4146
0.4089
0.4222
0.4127
0.4186
0.4037
0.4186
0.4037
0.4222
0.4127
0.4299
0.4165
0.4259
0.4073
0.4150
0.3950
0.4186
0.4037
0.4259
0.4073
0.4221
0.3984
6D1
0.4017
0.3751
6D2
0.4048
0.3832
6D3
0.4116
0.3865
6D4
0.4082
0.3782
0.4048
0.3832
0.4080
0.3916
0.4150
0.3950
0.4116
0.3865
0.4116
0.3865
0.4150
0.3950
0.4221
0.3984
0.4183
0.3898
0.4082
0.3782
0.4116
0.3865
0.4183
0.3898
0.4147
0.3814


Similar Part No. - XPEWHT-L1-0000-00AF6

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEWHT-L1-0000-00AF6 CREE-XPEWHT-L1-0000-00AF6 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
More results

Similar Description - XPEWHT-L1-0000-00AF6

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLD-AP22 CREE-CLD-AP22 Datasheet
3Mb / 45P
   Cree짰 XLamp짰 XP Family LEDs
XPGWHT-L1-0000-00E51 CREE-XPGWHT-L1-0000-00E51 Datasheet
1Mb / 10P
   Cree짰 XLamp짰 XP-G LEDs
XPE2 CREE-XPE2 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
CLD-DS56 CREE-CLD-DS56 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E2 LEDs
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
XP-C CREE-XP-C Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-C LEDs
XP-E CREE-XP-E Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-E LEDs
CLD-DS18 CREE-CLD-DS18 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E LEDs
CLD-DSXX CREE-CLD-DSXX Datasheet
1Mb / 20P
   Cree짰 XLamp짰 XP-E2 Color LEDs
CLD-AP147 CREE-CLD-AP147 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 XH Family LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com