Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3186N Datasheet(PDF) 11 Page - Sony Corporation

Part # CXA3186N
Description  All Band TV Tuner IC with On-chip PLL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3186N Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXA3186N Datasheet HTML 7Page - Sony Corporation CXA3186N Datasheet HTML 8Page - Sony Corporation CXA3186N Datasheet HTML 9Page - Sony Corporation CXA3186N Datasheet HTML 10Page - Sony Corporation CXA3186N Datasheet HTML 11Page - Sony Corporation CXA3186N Datasheet HTML 12Page - Sony Corporation CXA3186N Datasheet HTML 13Page - Sony Corporation CXA3186N Datasheet HTML 14Page - Sony Corporation CXA3186N Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
—11—
CXA3185/3186N
Description of PLL Block
The PLL on this IC supports the 3-wire bus control format.
The serial data is input to the DA, CL and CE pins. The data is loaded to the shift register at the clock rise,
and latched at the enable fall.
1) Mode Setting Method
The modes for each frequency step are set according to the MS pin voltage.
Symbol
CE
CL
DA
LOCK
3-wire bus control
Enable input
Clock input
Data input
Lock signal output
Mode
A-0
A-1
A-2
A-3
A-4
MS pin voltage
0 to 0.15VCC
OPEN
0.45VCC to 0.55VCC
0.65VCC to 0.75VCC
0.85VCC to VCC
Main
divider
15 bit
14 bit
15 bit
15 bit
15 bit
Reference
divider
1024
512
640
512
512
Reference
frequency∗
3.90625 kHz
7.8125 kHz
6.25 kHz
7.8125 kHz
7.8125 kHz
Frequency
step∗
31.25 kHz
62.5 kHz
50 kHz
62.5 kHz
62.5 kHz
Control
word length
Total 19 bits
Total 18 bits
Total 19 bits
Total 19 bits
Total 27 bits
∗ Frequency step is for when X’tal OSC = 4 MHz.
2) Programming
• The VCO lock frequency is obtained according to the following formula.
fosc = fref
× 8 × (32 M + S)
fosc : local oscillator frequency
fref : reference frequency
8
: prescaler fixed frequency division ratio
M
: main divider frequency division ratio
S
: swallow counter frequency division ratio
The variable frequency division ranges of M and S are as follows, and are set as binary.
32
≤ M ≤ 1023 (32 ≤ M ≤ 511 for A-1 mode)
0
≤ S ≤ 31
• The PLL control data is comprised of the above frequency data and the band switch control data.


Similar Part No. - CXA3186N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3188N SONY-CXA3188N Datasheet
209Kb / 16P
   2ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
More results

Similar Description - CXA3186N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3085AN SONY-CXA3085AN Datasheet
325Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3235 SONY-CXA3235 Datasheet
313Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3250AN SONY-CXA3250AN Datasheet
415Kb / 36P
   All Band TV Tuner IC with On-chip PLL
CXA3135AN SONY-CXA3135AN Datasheet
319Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3252N SONY-CXA3252N Datasheet
303Kb / 32P
   All Band TV Tuner IC with On-chip PLL
CXA3205N SONY-CXA3205N Datasheet
320Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3250N SONY-CXA3250N Datasheet
384Kb / 35P
   All Band TV Tuner IC with On-chip PLL
CXA3555N SONY-CXA3555N Datasheet
225Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3627ER SONY-CXA3627ER Datasheet
42Kb / 27P
   All Band Tuner IC with On-chip PLL
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com