Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T3GE9WBG Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # T3GE9WBG
Description  Dual Supply Bus Transceiver for SD Card
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T3GE9WBG Datasheet(HTML) 4 Page - Toshiba Semiconductor

  T3GE9WBG Datasheet HTML 1Page - Toshiba Semiconductor T3GE9WBG Datasheet HTML 2Page - Toshiba Semiconductor T3GE9WBG Datasheet HTML 3Page - Toshiba Semiconductor T3GE9WBG Datasheet HTML 4Page - Toshiba Semiconductor T3GE9WBG Datasheet HTML 5Page - Toshiba Semiconductor T3GE9WBG Datasheet HTML 6Page - Toshiba Semiconductor T3GE9WBG Datasheet HTML 7Page - Toshiba Semiconductor T3GE9WBG Datasheet HTML 8Page - Toshiba Semiconductor T3GE9WBG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
T3GE9WBG
2009-06-15
4
Block Diagram
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
VCCA
−0.5 to 3.0
Power supply voltage
VBatt
5.5
V
DIR, Clk.h
−0.5 to VCCA + 0.5
DC input voltage
Enable
VIN
−0.5 to 5.5
V
VI/OA
−0.5 to VCCA + 0.5 (Note 2)
DC bus I/O voltage
VI/OB
−0.5 to VCCB + 0.5 (Note 2)
V
DIR, Clk.h
±25
Input diode current
Enable
IIK
−25
mA
Output diode current
II/OK
±25
(Note 3)
mA
IOUTA
±25
DC output current
IOUTB
±25
mA
DC VCC/ground current per supply pin
ICCA
±50
mA
Power dissipation
PD
400
mW
Storage temperature
Tstg
−55 to 150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Note 2: High or Low stats. IOUT absolute maximum rating must be observed.
Note 3: VOUT < GND, VOUT > VCC
Symbol
Value (typ)
R3, R4
70kΩ
R2
15kΩ
R5
470kΩ
R6, R7
100kΩ
R8
5Ω
R9
35Ω
C
35pF
VCCA
CD
VCCA
WP
R6
R7
LDO
VBatt
VCCB O/P
Enable


Similar Part No. - T3GE9WBG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
T3GF3WBG TOSHIBA-T3GF3WBG Datasheet
255Kb / 13P
   Dual-Supply Bus Transceiver for SD Memory Card
logo
Fox Electronics
T3GN FOX-T3GN Datasheet
185Kb / 2P
   3.2x2.5mm C-Sine GPS TCXO/VCTCXO
More results

Similar Description - T3GE9WBG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
T3GF3WBG TOSHIBA-T3GF3WBG Datasheet
255Kb / 13P
   Dual-Supply Bus Transceiver for SD Memory Card
logo
Texas Instruments
SN74AVC2T245 TI1-SN74AVC2T245_16 Datasheet
354Kb / 21P
[Old version datasheet]   Dual-Bit Dual-Supply Bus Transceiver
logo
STMicroelectronics
74LVX3245 STMICROELECTRONICS-74LVX3245 Datasheet
185Kb / 10P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
July 2001
logo
Toshiba Semiconductor
TC74LVX4245FS TOSHIBA-TC74LVX4245FS Datasheet
286Kb / 9P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
STMicroelectronics
74LVXC4245 STMICROELECTRONICS-74LVXC4245 Datasheet
178Kb / 11P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVX4245 STMICROELECTRONICS-74LVX4245 Datasheet
309Kb / 13P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVX3245 STMICROELECTRONICS-74LVX3245_04 Datasheet
330Kb / 13P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVXC3245 STMICROELECTRONICS-74LVXC3245 Datasheet
345Kb / 14P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
Texas Instruments
SN74LVC2T45-EP TI-SN74LVC2T45-EP Datasheet
187Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
logo
STMicroelectronics
74LVXC4245 STMICROELECTRONICS-74LVXC4245_04 Datasheet
344Kb / 14P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com