Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLIN-12F2A0 Datasheet(PDF) 10 Page - Bel Fuse Inc.

Part # SLIN-12F2A0
Description  2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /12 A Output
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLIN-12F2A0 Datasheet(HTML) 10 Page - Bel Fuse Inc.

Back Button SLIN-12F2A0 Datasheet HTML 6Page - Bel Fuse Inc. SLIN-12F2A0 Datasheet HTML 7Page - Bel Fuse Inc. SLIN-12F2A0 Datasheet HTML 8Page - Bel Fuse Inc. SLIN-12F2A0 Datasheet HTML 9Page - Bel Fuse Inc. SLIN-12F2A0 Datasheet HTML 10Page - Bel Fuse Inc. SLIN-12F2A0 Datasheet HTML 11Page - Bel Fuse Inc. SLIN-12F2A0 Datasheet HTML 12Page - Bel Fuse Inc. SLIN-12F2A0 Datasheet HTML 13Page - Bel Fuse Inc. SLIN-12F2A0 Datasheet HTML 14Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
10
NON-ISOLATED DC/DC CONVERTERS
2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /12 A Output
December 2, 2010
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Startup Time (continued)
TIME, t (1 ms/div)
TIME, t (1 ms/div)
Start-up Using Input Voltage (VIN = 5V, Io = Io,max ),
Vo=0.8V
Start-up Using Input Voltage (VIN = 5V, Io = Io,max ),
Vo=1.2V
TIME, t (1 ms/div)
TIME, t (1 ms/div)
Start-up Using Input Voltage (VIN = 5V, Io = Io,max ),
Vo=1.8V
Start-up Using Input Voltage (VIN = 5V, Io = Io,max ),
Vo=2.5V
TIME, t (1 ms/div)
Start-up Using Input Voltage (VIN = 5V, Io = Io,max ),
Vo=3.3V


Similar Part No. - SLIN-12F2A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-12F2A0 BEL-SLIN-12F2A0 Datasheet
430Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-12F2A0 BEL-SLIN-12F2A0 Datasheet
1Mb / 25P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - SLIN-12F2A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-12F1AX BEL-SLIN-12F1AX Datasheet
439Kb / 26P
   2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /12 A Output
SLIN-20F1AX BEL-SLIN-20F1AX Datasheet
407Kb / 26P
   2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /20 A Output
SRPE-02E1A0 BEL-SRPE-02E1A0 Datasheet
1Mb / 12P
   5.5 Vdc - 13.2 Vdc Input 0.6 Vdc - 5.5 Vdc / 1.5 A Output
SLAN-12D2AX BEL-SLAN-12D2AX Datasheet
1Mb / 26P
   3 Vdc - 14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /12 A Outputs
SRPE-12E1A0 BEL-SRPE-12E1A0 Datasheet
696Kb / 13P
   0.6 ??5.5 VDC / 12 A Output
SLAN-20D1AX BEL-SLAN-20D1AX Datasheet
1Mb / 26P
   3 Vdc ??14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /20 A Outputs
SLAN-06D2AX BEL-SLAN-06D2AX Datasheet
1Mb / 25P
   3 Vdc ??14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /6 A Outputs
SRBC-16E4AX BEL-SRBC-16E4AX Datasheet
475Kb / 14P
   4.5 Vdc - 14 Vdc Input 0.75 Vdc - 3.63 Vdc/16 A Output
XRAH-01FXX0 BEL-XRAH-01FXX0 Datasheet
207Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.0 Vdc - 5.5 Vdc Input 12 Vdc/0.8 A & 15 Vdc/0.6 A Output
VRP3-60E1A0 BEL-VRP3-60E1A0_10 Datasheet
742Kb / 11P
   5 Vdc - 13.8 Vdc Input 0.6 Vdc - 5.0 Vdc/60 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com