Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATSHA204-SH-DA-B Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATSHA204-SH-DA-B
Description  Atmel CryptoAuthentication
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSHA204-SH-DA-B Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATSHA204-SH-DA-B Datasheet HTML 5Page - ATMEL Corporation ATSHA204-SH-DA-B Datasheet HTML 6Page - ATMEL Corporation ATSHA204-SH-DA-B Datasheet HTML 7Page - ATMEL Corporation ATSHA204-SH-DA-B Datasheet HTML 8Page - ATMEL Corporation ATSHA204-SH-DA-B Datasheet HTML 9Page - ATMEL Corporation ATSHA204-SH-DA-B Datasheet HTML 10Page - ATMEL Corporation ATSHA204-SH-DA-B Datasheet HTML 11Page - ATMEL Corporation ATSHA204-SH-DA-B Datasheet HTML 12Page - ATMEL Corporation ATSHA204-SH-DA-B Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
Atmel ATSHA204 [DATASHEET]
9
8740D
−CRYPTO−3/12
The IsSecret bit controls internal circuitry necessary for proper security for slots in which reads and/or writes must be
encrypted or are prohibited altogether. It must also be set for all slots that are to be used as keys, including those created or
modified with DeriveKey. Specifically, to enable proper device operation, this bit must be set unless WriteConfig is “always.”
4-byte accesses are prohibited to/from slots in which this bit is set.
Slots used to store key values should always have IsSecret set to one and EncryptRead set to zero (reads prohibited) for
maximum security. For fixed key values, WriteConfig should be set to “never.” When configured in this way, there is no way to
read or write the key after the data zone is locked – it may only be used for crypto operations.
Some security policies require that secrets be updated from time to time. The ATSHA204 supports this capability in the
following way: WriteConfig for the particular slot should be set to “Encrypt” and SlotConfig.WriteKey should point back to the
same slot by setting WriteKey to the slot ID. A standard Write command can be then used to write a new value to this slot
provided that the authentication MAC is computed using the old (current) key value.
2.1.1.2 Special Memory Values in the Config Zone (Bytes 0 – 12)
Various fixed information is included in the ATSHA204 that can never be written under any circumstances and can always be
read, regardless of the state of the lock bits.
SerialNum
Nine bytes (SN[0:8]) which together form a unique value that is never repeated for any device in the
CryptoAuthentication family. The serial number is divided into two groups:
1.
SN[0:1] and SN[8]
The values of these bits are fixed at manufacturing time in most versions of the Atmel ATSHA204. Their
default value is 0x01 23 EE. These 24 bits are always included in the SHA-256 computations made by the
Atmel ATSHA204.
2.
SN[2:3] and SN[4:7]
The values of these bits are programmed by Atmel during the manufacturing process and are different for
every die. These 48 bits are optionally included in some SHA-256 computations made by the Atmel
ATSHA204.
RevNum
Four bytes of information that are used by Atmel to provide manufacturing revision information. These bytes can be
freely read as RevNum[0:3], but should never be used by system software, as they may vary from time to time.
2.1.2
Device Locking
There are two separate lock states for the device:
1.
One to lock the configuration zone (controlled by LockConfig, byte 87)
2.
Second to lock both the OTP and data zones (controlled by LockValue, byte 86)
These lock bits are stored within separate bytes in the configuration zone, and can be modified only through the Lock
command. After a memory zone is locked, there is no way to unlock it.
The device should be personalized at the system manufacturer with the desired configuration information, after which the
configuration zone should be locked. When this lock is complete, all necessary writes of public and secret information into the
EEPROM slots should be performed, using encrypted writes if appropriate. Upon completion of any writes, the data and OTP
sections should be locked. Contact Atmel for optional secure personalization services.
It is vital that the data and OTP sections be locked prior to release of the system containing the device into the field. Failure to
lock these zones may permit modification of any secret keys and may lead to other security problems.
Any attempt to read or write the data or OTP sections prior to locking the configuration section causes the device to return an
error.


Similar Part No. - ATSHA204-SH-DA-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSHA204A ATMEL-ATSHA204A Datasheet
715Kb / 2P
   CryptoAuthentication Familyof Crypto Elements withHardware-Based Key Storage
ATSHA204A-MAHCZ-T ATMEL-ATSHA204A-MAHCZ-T Datasheet
1Mb / 82P
   Atmel CryptoAuthentication
ATSHA204A-MAHDA-T ATMEL-ATSHA204A-MAHDA-T Datasheet
1Mb / 82P
   Atmel CryptoAuthentication
ATSHA204A-MXHCZ-T ATMEL-ATSHA204A-MXHCZ-T Datasheet
1Mb / 82P
   Atmel CryptoAuthentication
ATSHA204A-MXHDA-T ATMEL-ATSHA204A-MXHDA-T Datasheet
1Mb / 82P
   Atmel CryptoAuthentication
More results

Similar Description - ATSHA204-SH-DA-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATECC108 ATMEL-ATECC108_14 Datasheet
344Kb / 11P
   Atmel CryptoAuthentication
ATSHA204A ATMEL-ATSHA204A_14 Datasheet
1Mb / 82P
   Atmel CryptoAuthentication
ATSHA204 ATMEL-ATSHA204_14 Datasheet
1Mb / 80P
   Atmel CryptoAuthentication
AT88SA102S ATMEL-AT88SA102S_10 Datasheet
262Kb / 24P
   Atmel CryptoAuthentication
AT88SA10HS ATMEL-AT88SA10HS_11 Datasheet
248Kb / 25P
   Atmel CryptoAuthentication Host Security Chip
AT88SA10HS ATMEL-AT88SA10HS_10 Datasheet
282Kb / 23P
   Atmel CryptoAuthentication Host Security Chip
AT88CK454BLACK ATMEL-AT88CK454BLACK Datasheet
359Kb / 7P
   Atmel CryptoAuthentication Evaluation Kit
AT88SA100S ATMEL-AT88SA100S_11 Datasheet
240Kb / 24P
   Atmel CryptoAuthentication Battery Authentication Chip
AT88SA102S ATMEL-AT88SA102S_11 Datasheet
250Kb / 26P
   Atmel CryptoAuthentication Product Authentication Chip
AT88CK9000 ATMEL-AT88CK9000 Datasheet
2Mb / 14P
   Atmel Secure Personalization Kit for CryptoAuthentication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com