Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603Y5V250-104ZNE Datasheet(PDF) 8 Page - ATMEL Corporation

Part # C0603Y5V250-104ZNE
Description  AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

C0603Y5V250-104ZNE Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button C0603Y5V250-104ZNE Datasheet HTML 4Page - ATMEL Corporation C0603Y5V250-104ZNE Datasheet HTML 5Page - ATMEL Corporation C0603Y5V250-104ZNE Datasheet HTML 6Page - ATMEL Corporation C0603Y5V250-104ZNE Datasheet HTML 7Page - ATMEL Corporation C0603Y5V250-104ZNE Datasheet HTML 8Page - ATMEL Corporation C0603Y5V250-104ZNE Datasheet HTML 9Page - ATMEL Corporation C0603Y5V250-104ZNE Datasheet HTML 10Page - ATMEL Corporation C0603Y5V250-104ZNE Datasheet HTML 11Page - ATMEL Corporation C0603Y5V250-104ZNE Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
AT88SCK109STK3
3-6
AT88CK109STK3 User Guide
8699A—CRYPTO—10/09
Figure 3.
AT88Microbase Components (back side)
3.2
Power Supply
3.2.1
USB powered
The on-board power supply circuitry allows two possible configurations for the main supply voltage.
Mounted Resistor
Main Board
Supply Voltage
Comments
R1
3.3V
R2
5.0V ( USB )
Default Setting
The CryptoCompanion supply voltage is always 3.3V, regardless of R1and R2 configuration.
5.0 ( USB )
3.3V
Regulator
CryptoCompanion
0
VCC
R2
R1
Main board
Supply Voltage
* Default
3.3V
16MHz
Crystal
AT88SC108
CryptoCompanion
AT90USB1287
AVR
Main board
Supply Voltage
*see section 3.2.1


Similar Part No. - C0603Y5V250-104ZNE

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C0603Y5V1C103Z TDK-C0603Y5V1C103Z Datasheet
70Kb / 7P
   Ceramic Capacitors For General Use SMD
C0603Y5V1C103Z TDK-C0603Y5V1C103Z Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C0603Y5V1E102Z TDK-C0603Y5V1E102Z Datasheet
70Kb / 7P
   Ceramic Capacitors For General Use SMD
More results

Similar Description - C0603Y5V250-104ZNE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
STK525 ATMEL-STK525 Datasheet
889Kb / 39P
   AT90USBxxx TQFP device (2.7V
STK526 ATMEL-STK526 Datasheet
1Mb / 40P
   AT90USB82/162 TQFP device (2.7V
logo
Intersil Corporation
ISL4241E INTERSIL-ISL4241E Datasheet
266Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, 2.7V to 5.5V, 10Nanoamp, 250kbps,
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4221E INTERSIL-ISL4221E Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
logo
EHAOAN.
HS538 EHAOAN-HS538 Datasheet
1Mb / 8P
   2.7V or 5.5V supply voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com