Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMA5945B Datasheet(PDF) 4 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # 1SMA5945B
Description  PLASTIC SURFACE MOUNT ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

1SMA5945B Datasheet(HTML) 4 Page - Shenzhen Taychipst Electronic Co., Ltd

  1SMA5945B Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd 1SMA5945B Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd 1SMA5945B Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd 1SMA5945B Datasheet HTML 4Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
of 4
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
TA = 25°C
PW (ID) IS DEFINED AS THE
POINT WHERE THE PEAK CURRENT
DECAYS TO 50% OF Ipp.
= 10
µs
PEAK VALUE
Ippm
HALF VALUE – Ipp/2
10/1000
µs WAVEFORM
AS DEFINED BY R.E.A.
td
1000
Figure 6. Capacitance Curve
Figure 7. Typical Pulse Rating Curve
BREAKDOWN VOLTAGE (VOLTS)
Figure 8. Pulse Waveform
Figure 9. Pulse Waveform
10
100
100
10
0.01
10
0.1
1
10
1
0.1
0.01
TP, PULSE WIDTH (ms)
120
100
80
60
40
0
0
1
2
3
4
t, TIME (ms)
120
0
0.1
t, TIME (ms)
MEASURED @
ZERO BIAS
MEASURED @
VZ/2
TJ = 25°C
NONREPETITIVE, EXPONENTIAL
PULSE WAVEFORM, TJ = 25°C
20
5
100
80
60
40
20
0.04
0.06
0.08
8/20
µs WAVEFORM
AS DEFINED BY ANSI C62.1
AND IEC 801–5.
0.5 IPEAK
0.9 IPEAK
0.1 IPEAK
T
T = 8
µs
20
µs
0
0.02
3.3V-240V
1.5mA-113.8mA
1SMA5913B THRU 1SMA5957B
PLASTIC SURFACE MOUNT ZENER DIODES
RATINGS AND CHARACTERISTIC CURVES
1SMA5913B THRU 1SMA5957B


Similar Part No. - 1SMA5945B

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
1SMA5945B KEXIN-1SMA5945B Datasheet
66Kb / 2P
   Surface Mount Zener Diodes
logo
SynSemi, Inc.
1SMA5945B SYNSEMI-1SMA5945B Datasheet
82Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
1SMA5945B EIC-1SMA5945B Datasheet
102Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
First Components Intern...
1SMA5945B FCI-1SMA5945B Datasheet
1Mb / 3P
   1.5 WATTS Surface Mount Zener Diode Polarity: cathode band
logo
SUNMATE electronic Co.,...
1SMA5945B SUNMATE-1SMA5945B Datasheet
325Kb / 2P
   1.5 Watts Surface Mount Zener Diodes
More results

Similar Description - 1SMA5945B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
AZ23CXXXW SECOS-AZ23CXXXW Datasheet
492Kb / 2P
   Surface Mount Plastic-Encapsulated Zener Diodes
AZ23CXXXW SECOS-AZ23CXXXW_15 Datasheet
492Kb / 2P
   Surface Mount Plastic-Encapsulated Zener Diodes
AZ23C5V6W SECOS-AZ23C5V6W Datasheet
487Kb / 2P
   Surface Mount Plastic-Encapsulated Zener Diodes
logo
SEC Electronics Inc.
AZ23CXXXW SECELECTRONICS-AZ23CXXXW Datasheet
492Kb / 2P
   Surface Mount Plastic-Encapsulated Zener Diodes
logo
Motorola, Inc
1SMB5913A MOTOROLA-1SMB5913A Datasheet
189Kb / 4P
   1.5Watt Plastic Surface Mount Silicon Zener Diodes
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com