Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMC5349 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # 1SMC5349
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

1SMC5349 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  1SMC5349 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd 1SMC5349 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3.6V-100V
12mA-350mA
1SMC5334 THRU 1SMC5378
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
2 of 2
r
e
b
m
u
N
t
r
a
P
g
n
i
k
r
a
M
e
d
o
C
e
g
a
t
l
o
V
r
e
n
e
Z
l
a
n
i
m
o
Ne
c
n
a
d
e
p
m
I
r
e
n
e
Z
.
x
a
M
e
s
r
e
v
e
R
x
a
M
t
n
e
r
r
u
C
e
g
a
k
a
e
L
V Z @IZT
ZZT @IZT
ZZK @IZK
IR @VR
V
.
m
o
N
V
.
n
i
M
V
.
x
a
M
A
m
A
m
µA
V
4
3
3
5
C
M
S
1
B
4
3
3
6
.
3
2
4
.
3
8
7
.
3
3
0
.
0
5
3
0
0
5
0
0
.
1
0
0
.
0
5
1
0
0
.
1
5
3
3
5
C
M
S
1
B
5
3
3
9
.
3
1
7
.
3
0
1
.
4
2
0
.
0
2
3
0
0
5
0
0
.
1
0
0
.
0
5
0
0
.
1
6
3
3
5
C
M
S
1
B
6
3
3
3
.
4
9
0
.
4
2
5
.
4
2
0
.
0
9
2
0
0
5
0
0
.
1
0
0
.
0
1
0
0
.
1
7
3
3
5
C
M
S
1
B
7
3
3
7
.
4
7
4
.
4
4
9
.
4
2
0
.
0
6
2
0
5
4
0
0
.
1
0
0
.
0
1
0
0
.
1
8
3
3
5
C
M
S
1
B
8
3
3
1
.
5
5
8
.
4
6
3
.
5
2
0
.
0
4
2
0
0
4
0
0
.
1
0
0
.
0
1
0
0
.
1
9
3
3
5
C
M
S
1
B
9
3
3
6
.
5
2
3
.
5
8
8
.
5
1
0
.
0
2
2
0
0
4
0
0
.
1
0
0
.
0
1
0
0
.
2
0
4
3
5
C
M
S
1
B
0
4
3
0
.
6
0
7
.
5
0
3
.
6
1
0
.
0
0
2
0
0
3
0
0
.
1
0
0
.
0
1
0
0
.
3
1
4
3
5
C
M
S
1
B
1
4
3
2
.
6
9
8
.
5
1
5
.
6
1
0
.
0
0
2
0
0
2
0
0
.
1
0
0
.
0
1
0
0
.
3
2
4
3
5
C
M
S
1
B
2
4
3
8
.
6
6
4
.
6
4
1
.
7
1
0
.
5
7
1
0
0
2
0
0
.
1
0
0
.
0
1
0
2
.
5
3
4
3
5
C
M
S
1
B
3
4
3
5
.
7
3
1
.
7
8
8
.
7
2
0
.
5
7
1
0
0
2
0
0
.
1
0
0
.
0
1
0
7
.
5
4
4
3
5
C
M
S
1
B
4
4
3
2
.
8
9
7
.
7
1
6
.
8
2
0
.
0
5
1
0
0
2
0
0
.
1
0
0
.
0
1
0
2
.
6
5
4
3
5
C
M
S
1
B
5
4
3
7
.
8
7
2
.
8
4
1
.
9
2
0
.
0
5
1
0
0
2
0
0
.
1
0
0
.
0
1
0
6
.
6
6
4
3
5
C
M
S
1
B
6
4
3
1
.
9
5
6
.
8
6
5
.
9
2
0
.
0
5
1
0
5
1
0
0
.
1
0
5
.
7
0
9
.
6
7
4
3
5
C
M
S
1
B
7
4
3
0
1
0
5
.
9
0
5
.
0
1
2
0
.
5
2
1
5
2
1
0
0
.
1
0
0
.
5
0
6
.
7
8
4
3
5
C
M
S
1
B
8
4
3
1
1
5
4
.
0
1
5
5
.
1
1
3
0
.
5
2
1
5
2
1
0
0
.
1
0
0
.
5
0
4
.
8
9
4
3
5
C
M
S
1
B
9
4
3
2
1
0
4
.
1
1
0
6
.
2
1
3
0
.
0
0
1
5
2
1
0
0
.
1
0
0
.
2
0
1
.
9
0
5
3
5
C
M
S
1
B
0
5
3
3
1
5
3
.
2
1
5
6
.
3
1
3
0
.
0
0
1
0
0
1
0
0
.
1
0
0
.
1
0
9
.
9
1
5
3
5
C
M
S
1
B
1
5
3
4
1
0
3
.
3
1
0
7
.
4
1
3
0
.
0
0
1
5
7
0
0
.
1
0
0
.
1
0
6
.
0
1
2
5
3
5
C
M
S
1
B
2
5
3
5
1
5
2
.
4
1
5
7
.
5
1
3
0
.
5
7
5
7
0
0
.
1
0
0
.
1
0
5
.
1
1
3
5
3
5
C
M
S
1
B
3
5
3
6
1
0
2
.
5
1
0
8
.
6
1
3
0
.
5
7
5
7
0
0
.
1
0
0
.
1
0
2
.
2
1
4
5
3
5
C
M
S
1
B
4
5
3
7
1
5
1
.
6
1
5
8
.
7
1
3
0
.
0
7
5
7
0
0
.
1
0
5
.
0
0
9
.
2
1
5
5
3
5
C
M
S
1
B
5
5
3
8
1
0
1
.
7
1
0
9
.
8
1
3
0
.
5
6
5
7
0
0
.
1
0
5
.
0
0
7
.
3
1
6
5
3
5
C
M
S
1
B
6
5
3
9
1
5
0
.
8
1
5
9
.
9
1
3
0
.
5
6
5
7
0
0
.
1
0
5
.
0
0
4
.
4
1
7
5
3
5
C
M
S
1
B
7
5
3
0
2
0
0
.
9
1
0
0
.
1
2
3
0
.
5
6
5
7
0
0
.
1
0
5
.
0
0
2
.
5
1
8
5
3
5
C
M
S
1
B
8
5
3
2
2
0
9
.
0
2
0
1
.
3
2
4
0
.
0
5
5
7
0
0
.
1
0
5
.
0
0
7
.
6
1
9
5
3
5
C
M
S
1
B
9
5
3
4
2
0
8
.
2
2
0
2
.
5
2
4
0
.
0
5
0
0
1
0
0
.
1
0
5
.
0
0
2
.
8
1
0
6
3
5
C
M
S
1
B
0
6
3
5
2
5
7
.
3
2
5
2
.
6
2
4
0
.
0
5
0
1
1
0
0
.
1
0
5
.
0
0
0
.
9
1
1
6
3
5
C
M
S
1
B
1
6
3
7
2
5
6
.
5
2
5
3
.
8
2
5
0
.
0
5
0
2
1
0
0
.
1
0
5
.
0
0
6
.
0
2
2
6
3
5
C
M
S
1
B
2
6
3
8
2
0
6
.
6
2
0
4
.
9
2
6
0
.
0
5
0
3
1
0
0
.
1
0
5
.
0
0
2
.
1
2
3
6
3
5
C
M
S
1
B
3
6
3
0
3
0
5
.
8
2
0
5
.
1
3
8
0
.
0
4
0
4
1
0
0
.
1
0
5
.
0
0
8
.
2
2
4
6
3
5
C
M
S
1
B
4
6
3
3
3
5
3
.
1
3
5
6
.
4
3
0
1
0
.
0
4
0
5
1
0
0
.
1
0
5
.
0
0
1
.
5
2
5
6
3
5
C
M
S
1
B
5
6
3
6
3
0
2
.
4
3
0
8
.
7
3
1
1
0
.
0
3
0
6
1
0
0
.
1
0
5
.
0
0
4
.
7
2
6
6
3
5
C
M
S
1
B
6
6
3
9
3
5
0
.
7
3
5
9
.
0
4
4
1
0
.
0
3
0
7
1
0
0
.
1
0
5
.
0
0
7
.
9
2
7
6
3
5
C
M
S
1
B
7
6
3
3
4
5
8
.
0
4
5
1
.
5
4
0
2
0
.
0
3
0
9
1
0
0
.
1
0
5
.
0
0
7
.
2
3
8
6
3
5
C
M
S
1
B
8
6
3
7
4
5
6
.
4
4
5
3
.
9
4
5
2
0
.
5
2
0
1
2
0
0
.
1
0
5
.
0
0
8
.
5
3
9
6
3
5
C
M
S
1
B
9
6
3
1
5
5
4
.
8
4
5
5
.
3
5
7
2
0
.
5
2
0
3
2
0
0
.
1
0
5
.
0
0
8
.
8
3
0
7
3
5
C
M
S
1
B
0
7
3
6
5
0
2
.
3
5
0
8
.
8
5
5
3
0
.
0
2
0
8
2
0
0
.
1
0
5
.
0
0
6
.
2
4
1
7
3
5
C
M
S
1
B
1
7
3
0
6
0
0
.
7
5
0
0
.
3
6
0
4
0
.
0
2
0
5
3
0
0
.
1
0
5
.
0
0
5
.
5
4
2
7
3
5
C
M
S
1
B
2
7
3
2
6
0
9
.
8
5
0
1
.
5
6
2
4
0
.
0
2
0
0
4
0
0
.
1
0
5
.
0
0
1
.
7
4
3
7
3
5
C
M
S
1
B
3
7
3
8
6
0
6
.
4
6
0
4
.
1
7
4
4
0
.
0
2
0
0
5
0
0
.
1
0
5
.
0
0
7
.
1
5
4
7
3
5
C
M
S
1
B
4
7
3
5
7
5
2
.
1
7
5
7
.
8
7
5
4
0
.
0
2
0
2
6
0
0
.
1
0
5
.
0
0
0
.
6
5
5
7
3
5
C
M
S
1
B
5
7
3
2
8
0
9
.
7
7
0
1
.
6
8
0
6
0
.
5
1
0
2
7
0
0
.
1
0
5
.
0
0
2
.
2
6
6
7
3
5
C
M
S
1
B
6
7
3
7
8
5
6
.
2
8
5
3
.
1
9
5
7
0
.
5
1
0
6
7
0
0
.
1
0
5
.
0
0
0
.
6
6
7
7
3
5
C
M
S
1
B
7
7
3
1
9
5
4
.
6
8
5
5
.
5
9
5
7
0
.
5
1
0
6
7
0
0
.
1
0
5
.
0
0
2
.
9
6
8
7
3
5
C
M
S
1
B
8
7
3
0
0
1
0
0
.
5
9
0
0
.
5
0
1
0
9
0
.
2
1
0
0
8
0
0
.
1
0
5
.
0
0
0
.
6
7
SURFACE MOUNT SILICON ZENER DIODES


Similar Part No. - 1SMC5349

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1SMC5349 PANJIT-1SMC5349 Datasheet
122Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 5.0 Watts)
logo
Transys Electronics
1SMC5349 TRSYS-1SMC5349 Datasheet
275Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMC5349 PANJIT-1SMC5349 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5349 PANJIT-1SMC5349 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5349 PANJIT-1SMC5349 Datasheet
47Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - 1SMC5349

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com