Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMB5924B Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # 1SMB5924B
Description  GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

1SMB5924B Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  1SMB5924B Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd 1SMB5924B Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd 1SMB5924B Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd 1SMB5924B Datasheet HTML 4Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3.3V-200V
1.9mA-113.6mA
1SMB5913B THRU 1SMB5956B
2 of 4
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
ELECTRICAL CHARACTERISTICS
Rating at TL = 30 °C unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(V)
(mA)
(
Ω)(Ω)
(mA)
(
μA)
(V)
(mA)
1SMB5913B
3.3
113.6
10
500
1.0
100
1.0
454
1SMB5914B
3.6
104.2
9.0
500
1.0
75
1.0
416
1SMB5915B
3.9
96.1
7.5
500
1.0
25
1.0
384
1SMB5916B
4.3
87.2
6.0
500
1.0
5.0
1.0
348
1SMB5917B
4.7
79.8
5.0
500
1.0
5.0
1.5
319
1SMB5918B
5.1
73.5
4.0
350
1.0
5.0
2.0
294
1SMB5919B
5.6
66.9
2.0
250
1.0
5.0
3.0
267
1SMB5920B
6.2
60.5
2.0
200
1.0
5.0
4.0
241
1SMB5921B
6.8
55.1
2.5
200
1.0
5.0
5.2
220
1SMB5922B
7.5
50.0
3.0
400
0.5
5.0
6.0
200
1SMB5923B
8.2
45.7
3.5
400
0.5
5.0
6.5
182
1SMB5924B
9.1
41.2
4.0
500
0.5
5.0
7.0
164
1SMB5925B
10
37.5
4.5
500
0.25
5.0
8.0
150
1SMB5926B
11
34.1
5.5
550
0.25
1.0
8.4
136
1SMB5927B
12
31.2
6.5
550
0.25
1.0
9.1
125
1SMB5928B
13
28.8
7.0
550
0.25
1.0
9.9
115
1SMB5929B
15
25.0
9.0
600
0.25
1.0
11.4
100
1SMB5930B
16
23.4
10
600
0.25
1.0
12.2
93
1SMB5931B
18
20.8
12
650
0.25
1.0
13.7
83
1SMB5932B
20
18.7
14
650
0.25
1.0
15.2
75
1SMB5933B
22
17.0
17.5
650
0.25
1.0
16.7
68
1SMB5934B
24
15.6
19
700
0.25
1.0
18.2
62
1SMB5935B
27
13.9
23
700
0.25
1.0
20.6
55
1SMB5936B
30
12.5
26
750
0.25
1.0
22.8
50
1SMB5937B
33
11.4
33
800
0.25
1.0
25.1
45
1SMB5938B
36
10.4
38
850
0.25
1.0
27.4
41
1SMB5939B
39
9.6
45
900
0.25
1.0
29.7
38
1SMB5940B
43
8.7
53
950
0.25
1.0
32.7
34
1SMB5941B
47
8.0
67
1000
0.25
1.0
35.8
31
1SMB5942B
51
7.3
70
1100
0.25
1.0
38.8
29
1SMB5943B
56
6.7
86
1300
0.25
1.0
42.6
26
1SMB5944B
62
6.0
100
1500
0.25
1.0
47.1
24
1SMB5945B
68
5.5
120
1700
0.25
1.0
51.7
22
1SMB5946B
75
5.0
140
2000
0.25
1.0
56.0
20
1SMB5947B
82
4.6
160
2500
0.25
1.0
62.2
18
1SMB5948B
91
4.1
200
3000
0.25
1.0
69.2
16
1SMB5949B
100
3.7
250
3100
0.25
1.0
76.0
15
1SMB5950B
110
3.4
300
4000
0.25
1.0
83.6
13
1SMB5951B
120
3.1
380
4500
0.25
1.0
91.2
12
1SMB5952B
130
2.9
450
5000
0.25
1.0
98.8
11
1SMB5953B
150
2.5
600
6000
0.25
1.0
114.0
10
1SMB5954B
160
2.3
700
6500
0.25
1.0
121.6
9.0
1SMB5955B
180
2.1
900
7000
0.25
1.0
136.8
8.0
1SMB5956B
200
1.9
1200
8000
0.25
1.0
152.0
7.0
Note :
( 1 ) Suffix " B " indicates
± 5% tolerance, suffix " A " indicates ± 10% tolerance.
TYPE


Similar Part No. - 1SMB5924B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1SMB5924B MOTOROLA-1SMB5924B Datasheet
189Kb / 4P
   1.5Watt Plastic Surface Mount Silicon Zener Diodes
logo
First Silicon Co., Ltd
1SMB5924B FS-1SMB5924B Datasheet
661Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Guangdong Kexin Industr...
1SMB5924B KEXIN-1SMB5924B Datasheet
69Kb / 2P
   Surface Mount Zener Diodes
logo
SynSemi, Inc.
1SMB5924B SYNSEMI-1SMB5924B Datasheet
30Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
1SMB5924B EIC-1SMB5924B Datasheet
121Kb / 3P
   SILICON ZENER DIODES
More results

Similar Description - 1SMB5924B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5913B PANJIT-1N5913B Datasheet
457Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8_09 Datasheet
347Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5334B PANJIT-1N5334B Datasheet
453Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB2EZ6.8 TAYCHIPST-1SMB2EZ6.8 Datasheet
12Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Pan Jit International I...
3EZ6.8 PANJIT-3EZ6.8 Datasheet
693Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ47-AU PANJIT-1SMB3EZ47-AU Datasheet
319Kb / 6P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
3EZ11 PANJIT-3EZ11_04 Datasheet
294Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com