Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMA5922B Datasheet(PDF) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # 1SMA5922B
Description  PLASTIC SURFACE MOUNT ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

1SMA5922B Datasheet(HTML) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

  1SMA5922B Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd 1SMA5922B Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd 1SMA5922B Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd 1SMA5922B Datasheet HTML 4Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 of 4
RATINGS AND CHARACTERISTIC CURVES
1SMA5913B THRU 1SMA5957B
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
0
4
Figure 1. Steady State Power Derating
Figure 2. VZ – 3.3 thru 10 Volts
T, TEMPERATURE (
°C)
Figure 3. Zener Voltage – 3.3 to 12 Volts
Figure 4. Zener Voltage – 14 to 68 Volts
25
50
75
100
125
150
3.2
2.4
1.6
0.8
0
0
100
2
4
6
8
10
10
1
0.1
VZ, ZENER VOLTAGE (VOLTS)
10
8
6
4
2
0
–2
–4
2
4
6
8
10
VZ, ZENER VOLTAGE (VOLTS)
100
10
10
100
VZ, ZENER VOLTAGE (VOLTS)
TL
TA
VZ @ IZT
VZ @ IZT
Figure 5. Effect of Zener Voltage
10
100
VZ, ZENER VOLTAGE (VOLTS)
IZ(dc) = 1 mA
100
10
10 mA
20 mA
IZ(rms) = 0.1 IZ(dc)
12
3.3V-240V
1.5mA-113.8mA
1SMA5913B THRU 1SMA5957B
PLASTIC SURFACE MOUNT ZENER DIODES


Similar Part No. - 1SMA5922B

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
1SMA5922B KEXIN-1SMA5922B Datasheet
66Kb / 2P
   Surface Mount Zener Diodes
logo
SynSemi, Inc.
1SMA5922B SYNSEMI-1SMA5922B Datasheet
82Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
1SMA5922B EIC-1SMA5922B Datasheet
102Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
First Components Intern...
1SMA5922B FCI-1SMA5922B Datasheet
1Mb / 3P
   1.5 WATTS Surface Mount Zener Diode Polarity: cathode band
logo
SUNMATE electronic Co.,...
1SMA5922B SUNMATE-1SMA5922B Datasheet
325Kb / 2P
   1.5 Watts Surface Mount Zener Diodes
More results

Similar Description - 1SMA5922B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
AZ23CXXXW SECOS-AZ23CXXXW Datasheet
492Kb / 2P
   Surface Mount Plastic-Encapsulated Zener Diodes
AZ23CXXXW SECOS-AZ23CXXXW_15 Datasheet
492Kb / 2P
   Surface Mount Plastic-Encapsulated Zener Diodes
AZ23C5V6W SECOS-AZ23C5V6W Datasheet
487Kb / 2P
   Surface Mount Plastic-Encapsulated Zener Diodes
logo
SEC Electronics Inc.
AZ23CXXXW SECELECTRONICS-AZ23CXXXW Datasheet
492Kb / 2P
   Surface Mount Plastic-Encapsulated Zener Diodes
logo
Motorola, Inc
1SMB5913A MOTOROLA-1SMB5913A Datasheet
189Kb / 4P
   1.5Watt Plastic Surface Mount Silicon Zener Diodes
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com