Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VO4156D-X006 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VO4156D-X006
Description  Optocoupler, Phototriac Output, Zero Crossing
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO4156D-X006 Datasheet(HTML) 5 Page - Vishay Siliconix

  VO4156D-X006 Datasheet HTML 1Page - Vishay Siliconix VO4156D-X006 Datasheet HTML 2Page - Vishay Siliconix VO4156D-X006 Datasheet HTML 3Page - Vishay Siliconix VO4156D-X006 Datasheet HTML 4Page - Vishay Siliconix VO4156D-X006 Datasheet HTML 5Page - Vishay Siliconix VO4156D-X006 Datasheet HTML 6Page - Vishay Siliconix VO4156D-X006 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VO4154, VO4156
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 23-Feb-12
5
Document Number: 84797
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 6 - Output Off Current (Leakage) vs. Voltage
Fig. 7 - Normalized Trigger Input Current vs. Temperature
Fig. 8 - IFT (mA) vs. Turn-On Time (μs)
Fig. 9 - Normalized Holding Current vs. Temperature
Fig. 10 - IFT vs. LED Pulse Width
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
0
200
400
600
800
Voltage (V)
85 °C
25 °C
0 °C
20009
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 60 - 40 - 20
0
20
40
60
80
100
Temperature (ºC)
Normalized I
FT
at 25 ºC
19666
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
10
100
1000
Turn-On Time (µs)
20010
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
- 60 - 40 - 20
0
20
40
60
80
100
Temperature (ºC)
Normalized I
H
at 25 °C
20011
0
2
4
6
8
10
12
14
16
18
20
22
10
20
30
40
50
60
70
Trigger Pulse Width (µs)
85 ºC
100 ºC
25 ºC
- 40 ºC
20012


Similar Part No. - VO4156D-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO4156D-X006 VISHAY-VO4156D-X006 Datasheet
117Kb / 8P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Rev. 1.4, 30-Aug-06
More results

Similar Description - VO4156D-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3062 VISHAY-VO3062_18 Datasheet
192Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 2.2, 17-Apr-18
IL410 VISHAY-IL410_12 Datasheet
172Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 2.0, 29-Mar-11
BRT21 VISHAY-BRT21_08 Datasheet
147Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.5, 07-May-08
BRT21 VISHAY-BRT21 Datasheet
499Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.4, 10-Jan-05
BRT21 VISHAY-BRT21_V01 Datasheet
223Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
01-Jan-2022
K3010P VISHAY-K3010P_12 Datasheet
147Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing
Rev. 2.2, 01-Jun-12
BRT11 VISHAY-BRT11_V01 Datasheet
255Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing
01-Jan-2022
K3020P VISHAY-K3020P_16 Datasheet
152Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
Rev. 2.4, 30-Aug-16
K301XP VISHAY-K301XP Datasheet
167Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 250 VDRM
Rev. 2.3, 04-Nov-2020
IL4118 VISHAY-IL4118_V01 Datasheet
207Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, Very Low Input Current
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com