Electronic Components Datasheet Search |
|
MSP430F5309IRGZ Datasheet(PDF) 2 Page - Texas Instruments |
|
MSP430F5309IRGZ Datasheet(HTML) 2 Page - Texas Instruments |
2 / 100 page MSP430F530x, MSP430F5310 SLAS677C – SEPTEMBER 2010 – REVISED SEPTEMBER 2012 www.ti.com DESCRIPTION The Texas Instruments MSP430™ family of ultra-low-power microcontrollers consists of several devices featuring different sets of peripherals targeted for various applications. The architecture, combined with five low-power modes is optimized to achieve extended battery life in portable measurement applications. The device features a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code efficiency. The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less than 5 µs. The MSP430F5310, MSP430F5309, and MSP430F5308 devices are microcontroller configurations with 3.3-V LDO, four 16-bit timers, a high-performance 10-bit analog-to-digital converter (ADC), two universal serial communication interfaces (USCI), hardware multiplier, DMA, real-time clock module with alarm capabilities and 31 or 47 I/O pins. The MSP430F5304 device is a configuration 3.3-V LDO, four 16-bit timers, a high-performance 10-bit analog-to- digital converter (ADC), two universal serial communication interfaces (USCI), hardware multiplier, DMA, real- time clock module with alarm capabilities, and 31 I/O pins. Typical applications for this device include analog and digital sensor systems, digital motor control, remote controls, thermostats, digital timers, and hand-held meters. Table 1. Family Members USCI PROGRAM SRAM ADC10_A Comp_B PACKAGE CHANNEL A: CHANNEL B: DEVICE MEMORY Timer_A(1) Timer_B(2) I/O (KB) (CH) (CH) TYPE UART, LIN, SPI, I2C (KB) IrDA, SPI 64 RGC, 2 2 10 ext, 2 int 8 47 80 ZQE MSP430F5310 32 6 5, 3, 3 7 48 PT, 1 1 6 ext, 2 int 4 31 48 RGZ 64 RGC, 2 2 10 ext, 2 int 8 47 80 ZQE MSP430F5309 24 6 5, 3, 3 7 48 PT, 1 1 6 ext, 2 int 4 31 48 RGZ, 64 RGC, 2 2 10 ext, 2 int 8 47 80 ZQE MSP430F5308 16 6 5, 3, 3 7 48 PT, 1 1 6 ext, 2 int 4 31 48 RGZ, 48 PT, MSP430F5304 8 6 5, 3, 3 7 1 1 6 ext, 2 int - 31 48 RGZ (1) Each number in the sequence represents an instantiation of Timer_A with its associated number of capture compare registers and PWM output generators available. For example, a number sequence of 3, 5 would represent two instantiations of Timer_A, the first instantiation having 3 and the second instantiation having 5 capture compare registers and PWM output generators, respectively. (2) Each number in the sequence represents an instantiation of Timer_B with its associated number of capture compare registers and PWM output generators available. For example, a number sequence of 3, 5 would represent two instantiations of Timer_B, the first instantiation having 3 and the second instantiation having 5 capture compare registers and PWM output generators, respectively. Table 2. Ordering Information(1) PACKAGED DEVICES (2) TA PLASTIC 64-PIN VQFN PLASTIC 80-BALL BGA PLASTIC 48-PIN VQFN PLASTIC 48-PIN LQFP (RGC) (ZQE) (RGZ) (PT) MSP430F5310IRGC MSP430F5310IZQE MSP430F5310IRGZ MSP430F5310IPT MSP430F5309IRGC MSP430F5309IZQE MSP430F5309IRGZ MSP430F5309IPT –40°C to 85°C MSP430F5308IRGC MSP430F5308IZQE MSP430F5308IRGZ MSP430F5308IPT MSP430F5304IRGZ MSP430F5304IPT (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/packaging. 2 Submit Documentation Feedback Copyright © 2010–2012, Texas Instruments Incorporated |
Similar Part No. - MSP430F5309IRGZ |
|
Similar Description - MSP430F5309IRGZ |