Electronic Components Datasheet Search |
|
ISO7242M Datasheet(PDF) 6 Page - Texas Instruments |
|
|
ISO7242M Datasheet(HTML) 6 Page - Texas Instruments |
6 / 31 page ISO7240CF, ISO7240C, ISO7240M ISO7241C, ISO7241M ISO7242C, ISO7242M SLLS868N – SEPTEMBER 2007 – REVISED JANUARY 2012 www.ti.com ELECTRICAL CHARACTERISTICS: VCC1 at 5-V, VCC2 at 3.3-V (1) OPERATION over recommended operating conditions (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT SUPPLY CURRENT Quiescent VI = VCC or 0 V 1 3 All channels, no load, ISO7240C/M mA 12.5 MHz Input Clock 7 10.5 EN at 3 V 25 Mbps Signal Quiescent VI = VCC or 0 V 6.5 11 All channels, no load, ICC1 ISO7241C/M EN1 at 3 V, mA 12.5 MHz Input Clock 12 18 25 Mbps EN2 at 3 V Signal Quiescent VI = VCC or 0 V 10 16 All channels, no load, ISO7242C/M EN1 at 3 V, mA 12.5 MHz Input Clock 15 24 25 Mbps EN2 at 3 V Signal Quiescent VI = VCC or 0 V 9.5 15 All channels, no load, ISO7240C/M mA 12.5 MHz Input Clock 10.5 17 EN at 3 V 25 Mbps Signal Quiescent VI = VCC or 0 V 8 13 All channels, no load, ICC2 ISO7241C/M EN1 at 3 V, mA 12.5 MHz Input Clock 11.5 18 25 Mbps EN2 at 3 V Signal Quiescent VI = VCC or 0 V 6 10 All channels, no load, ISO7242C/M EN1 at 3 V, mA 12.5 MHz Input Clock 9 14 25 Mbps EN2 at 3 V Signal ELECTRICAL CHARACTERISTICS IOFF Sleep mode output current EN at 0 V, Single channel 0 μA ISO7240 VCC–0.4 IOH = –4 mA, See Figure 1 VOH High-level output voltage ISO724x (5-V side) VCC–0.8 V IOH = –20 μA, See Figure 1 VCC–0.1 IOL = 4 mA, See Figure 1 0.4 VOL Low-level output voltage V IOL = 20 μA, See Figure 1 0.1 VI(HYS) Input voltage hysteresis 150 mV IIH High-level input current 10 IN from 0 V to VCC μA IIL Low-level input current –10 CI Input capacitance to ground IN at VCC, VI = 0.4 sin (4E6πt) 2 pF Common-mode transient VI = VCC or 0 V, See Figure 5 CMTI 25 50 kV/ μs immunity (1) For the 5-V operation, VCC1 or VCC2 is specified from 4.5 V to 5.5 V. For the 3.3-V operation, VCC1 or VCC2 is specified from 3.15 V to 3.6 V. 6 Copyright © 2007–2012, Texas Instruments Incorporated |
Similar Part No. - ISO7242M |
|
Similar Description - ISO7242M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |