Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC6M401X6-285S Datasheet(PDF) 1 Page - NXP Semiconductors

Part # DC6M401X6-285S
Description  Small, highly efficient switching converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DC6M401X6-285S Datasheet(HTML) 1 Page - NXP Semiconductors

  DC6M401X6-285S Datasheet HTML 1Page - NXP Semiconductors DC6M401X6-285S Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Small, highly efficient switching converters
with ultra-low output voltage ripple
Key features
`
` Ultra-low`output`voltage`ripple`of`7`mV`(typ)
`
` Very`small`WLCSP6`package`for`board`space`reduction
`
` Optimized`for`load`range`of`40`mA`to`650`mA`with`an````
efficiency`of`up`to`95%
`
` Input`voltage`range`2.3`V`-`5.5`V
`
` Available`with`output`currents`of`425,`500,`650`mA
`
` Low`quiescent`current`of`0.2`µA`(typ)`in`shutdown
`
` Inrush,`short`circuit`&`temperature`protection
`
` Available`with`Auto/PWM`mode`select,`output`voltage``
select`or`power`good/XSHUTDOWN`option
Key applications
`
` Mobile`phones
`
` PC`tablets
`
` DSCs`(Digital`Still`Cameras)
`
` Video`cameras
`
` Game`pads
`
` Notebooks,`Netbooks,`and`Ultrabooks
NXPs`new`DC6M4/5/6`product`series`are`an`ideal`solution`for`
mobile`applications`and`battery`driven`devices.
`
Ideal`for`mobile`and`battery`driven`devices,`the`DC6M4/5/6`series`combine`the`advantages`of`a`high`
frequency`DC/DC`buck`converter`with`high`performance`and`small`package`(1.0`mm`*`1.4`mm).`The`
6`MHz`switching`frequency`allows`use`of`inductors`as`small`as`470`nH`to`save`board`space.`Another`
key`advantage`is`the`ultra-low`output`voltage`ripple`performance`of`only`7`mV`(typ).
DC6M4/5/6 series
6 MHz DC/DC
step-down converter
Ultra-low output voltage ripple performance
0
100
200
300
400
500
600
700
0
5
10
15
20
25
30
IOUT (mA)
Vripple
(mVpp)
VIN = 4.2 V
VIN = 3.6 V
VIN = 3.0 V
Conversion efficiency
0
100
200
300
400
500
600
700
0
20
40
60
80
100
IOUT (mA)
efficiency
(%)
DC6M601X6/285S


Similar Part No. - DC6M401X6-285S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DC6M40YX6 NXP-DC6M40YX6 Datasheet
486Kb / 23P
   6 MHz, 425 mA, ultra small DC-to-DC buck converter
Rev. 1-8 February 2013
More results

Similar Description - DC6M401X6-285S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-487 OSRAM-SFH-487 Datasheet
165Kb / 13P
   Very highly efficient GaAlAs-LED
LECGQ8WP-5P8P-1 OSRAM-LECGQ8WP-5P8P-1 Datasheet
1Mb / 24P
   Highly efficient lightsource, slim package design
logo
LSI Computer Systems
ZSP540 LSI-ZSP540 Datasheet
63Kb / 2P
   Highly Efficient Quad-MAC DSP Core
logo
Renesas Technology Corp
ISL85003 RENESAS-ISL85003 Datasheet
1Mb / 23P
   Highly Efficient 3A Synchronous Buck Regulator
logo
Power-One
FCP600-48 POWER-ONE-FCP600-48 Datasheet
164Kb / 6P
   highly-efficient ac-dc power supply
logo
International Rectifier
IR3842WM IRF-IR3842WM_15 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3843AMPBF IRF-IR3843AMPBF Datasheet
739Kb / 33P
   HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
IR3843WMPBF IRF-IR3843WMPBF_12 Datasheet
750Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 2A SYNCHRONOUS BUCK REGULATOR
IR3840AMPBF IRF-IR3840AMPBF Datasheet
793Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
IR3842WMPBF IRF-IR3842WMPBF_12 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com